Electronic Components Datasheet Search
  English  ▼

X  

8136 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 8136
Description  CONNECTORIZED ATTENUATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8136 Datasheet(HTML) 1 Page - Micronetics, Inc.

  8136 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONNECTORIZED ATTENUATORS
28
DESCRIPTION
These analog attenuators are
optimized for high speed
and/or linearity and ideal for
use in automatic gain control
circuitry. Each attenuator
can be used as a standalone
product or integrated into
the 8169 digital attenuator
family (see previous page).
Hermetic, military/industrial
design.
ADDITIONAL FEATURES
s Linearity: + 1.3 dB
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Analog
APPLICATIONS
s Electronic
Countermeasure (ECM)
s Communications test
equipment
s Electronic Warfare (EW)
s Radar Warning Receiver
(RWR)
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8126
6 Bit
6-10
2.7
63
2.0:1
50
10
0-10
8136
6 Bit
4-8
2.5
63
2.0:1
50
10
0-10
8146
6 Bit
12-18
3.2
63
2.0:1
50
10
0-10
ELECTRICAL CHARACTERISTICS
-
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 8136

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
logo
TT Electronics.
8136 TTELEC-8136 Datasheet
645Kb / 3P
Multi-Turn Precision Potentiometer
logo
Christian Bürkert GmbH ...
8136 BURKERT-8136 Datasheet
1Mb / 14P
Radar level meter for aggressive media
15.09.2021
logo
Unisonic Technologies
8136-AB3-D-B UTC-8136-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8136-AB3-D-K UTC-8136-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8136

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-116SLD-F1 MITSUBISHI-FU-116SLD-F1 Datasheet
60Kb / 3P
SC-CONNECTORIZED MODULE
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
SC-CONNECTORIZED MODULE
FU-17SLD-F1 MITSUBISHI-FU-17SLD-F1 Datasheet
50Kb / 3P
FC-CONNECTORIZED MODULE
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
FC-CONNECTORIZED MODULE
logo
Agilent(Hewlett-Packard...
LST0X00 HP-LST0X00 Datasheet
179Kb / 4P
Connectorized ELEDS
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
Connectorized PIN Photodiodes
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
4031 MICRONETICS-4031 Datasheet
71Kb / 3P
CONNECTORIZED PHASE SHIFTERS
logo
Hittite Microwave Corpo...
C-20 HITTITE-C-20 Datasheet
100Kb / 1P
CONNECTORIZED HERMETIC MODULE
logo
Roithner LaserTechnik G...
FU-17SLD-F3M1 ROITHNER-FU-17SLD-F3M1 Datasheet
54Kb / 3P
FC-CONNECTORIZED MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com