Electronic Components Datasheet Search
  English  ▼

X  

4032 Datasheet(PDF) 2 Page - Micronetics, Inc.

Part # 4032
Description  CONNECTORIZED PHASE SHIFTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

4032 Datasheet(HTML) 2 Page - Micronetics, Inc.

  4032 Datasheet HTML 1Page - Micronetics, Inc. 4032 Datasheet HTML 2Page - Micronetics, Inc. 4032 Datasheet HTML 3Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONNECTORIZED PHASE SHIFTER
31
DESCRIPTION
A digital phase shifter opti-
mized for high frequency (6 to
18 GHz), flat phase versus
frequency, low power applica-
tions. Hermetic, military/
industrial design.
ADDITIONAL FEATURES
s Current: <2 ma
s Accuracy: <5%
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Automatic test (ATE)
s Communication channel
emulator
s Phase tuner
PART #
TYPE
FREQ
LOSS
PHASE
VSWR
SWITCH
RF
DC
RANGE
dB
SHIFT
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
4033
5 Bit
6-18
10
360°
2.0:1
25
10
+5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com