Electronic Components Datasheet Search
  English  ▼

X  

4035 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 4035
Description  CONNECTORIZED PHASE SHIFTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

4035 Datasheet(HTML) 1 Page - Micronetics, Inc.

  4035 Datasheet HTML 1Page - Micronetics, Inc. 4035 Datasheet HTML 2Page - Micronetics, Inc. 4035 Datasheet HTML 3Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30
CONNECTORIZED PHASE SHIFTERS
DESCRIPTION
Digital phase shifters
optimized for low loss and/or
high power. Each one features
a unique capability which
allows it to be used in either
the transmit or receive path.
Hermetic, military/industrial
design.
ADDITIONAL FEATURES (#4031)
s Low loss: 1.7 dB
s RF power: 50 dBm
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
TTL (complementary)
APPLICATIONS
s Phased array radar
s Satellite communications
PART #
TYPE
FREQ
LOSS
PHASE
VSWR
SWITCH
RF
DC
RANGE
dB
SHIFT
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
4031
6 Bit
1.2-1.5
1.7
360°
1.5:1
1500
50
+5,-70
4032
6 Bit
9-10
3.5
360°
2.0:1
25
20
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 4035

ManufacturerPart #DatasheetDescription
logo
Heyco.
4035 HEYCO-4035 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
List of Unclassifed Man...
40350 ETC1-40350 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
C&K Components
403500000 CK-COMPONENTS-403500000 Datasheet
381Kb / 8P
3 Series Thumbwheel Switches
logo
ITT Industries
403500000 ITT-403500000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
logo
Turck, Inc.
4035001 TURCK-4035001 Datasheet
367Kb / 4P
Inductive Sensor – With Extended Temperature Range
11/07/2023
More results

Similar Description - 4035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEF-03A ETC2-PEF-03A Datasheet
91Kb / 1P
PHASE SHIFTERS
logo
Advanced Technical Mate...
P1503 ATM-P1503 Datasheet
169Kb / 1P
PHASE SHIFTERS
logo
Merrimac Industries, In...
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
PHASE SHIFTERS
PEG-3E-25B MERRIMAC-PEG-3E-25B Datasheet
105Kb / 1P
PHASE SHIFTERS
PEP-3R-60 MERRIMAC-PEP-3R-60 Datasheet
70Kb / 1P
PHASE SHIFTERS
PEP-4S-10B MERRIMAC-PEP-4S-10B Datasheet
127Kb / 1P
PHASE SHIFTERS
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
PHASE SHIFTERS
PSEF-3E-10B MERRIMAC-PSEF-3E-10B Datasheet
86Kb / 1P
PHASE SHIFTERS
PSES-4-5B MERRIMAC-PSES-4-5B Datasheet
102Kb / 1P
PHASE SHIFTERS
logo
Yantel Corporation
P12110C YANTEL-P12110C Datasheet
493Kb / 3P
Phase Shifters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com