Electronic Components Datasheet Search
  English  ▼

X  

136274 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 136274
Description  GaAlAs / GaAlAs Chips (substrate removed)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

136274 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  136274 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
INFRA-RED
Item No.: 136274
1.
This specification applies to GaAlAs / GaAlAs Chips (substrate removed)
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contact can also be square
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
1,35
1,60
V
Reverse voltage
VR
IR = 10 µA
5
V
output Power *
Φ
e
IF = 20 mA
3,8
4,5
mW
½
λ
P
IF = 20 mA
42
nm
Switching time
tr, tf
IF = 20 mA
20
ns
Peak wavelength
λ
IF = 20 mA
850
nm
Power measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
Φ
e typ
Quantity
min
max
p-Epitaxy GaAlAs
p-Electrode
n-Epitaxy GaAlAs
Active Layer
n-Electrode
180
typ.
365
120
365


Similar Part No. - 136274

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
136273 RAACO-136273 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
PHOENIX CONTACT
1362783 PHOENIX-1362783 Datasheet
1Mb / 18P
TRIO3-PS/3AC/24DC/5 - Power supply
1362784 PHOENIX-1362784 Datasheet
1Mb / 18P
TRIO3-PS/3AC/48DC/20 - Power supply
1362785 PHOENIX-1362785 Datasheet
1Mb / 18P
TRIO3-PS/1AC/24DC/3/C2LPS - Power supply
1362786 PHOENIX-1362786 Datasheet
1Mb / 19P
TRIO3-PS/1AC/48DC/10 - Power supply
More results

Similar Description - 136274

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
126164 OSA-126164 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
126284 OSA-126284 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
127141N OSA-127141N Datasheet
52Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
128254 OSA-128254 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
133154 OSA-133154 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
133254 OSA-133254 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
135144 OSA-135144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
136144 OSA-136144 Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
137141 OSA-137141 Datasheet
52Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
137141H OSA-137141H Datasheet
53Kb / 1P
GaAlAs / GaAlAs Chips (substrate removed)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com