Electronic Components Datasheet Search
  English  ▼

X  

AS27C256 Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS27C256
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256 Datasheet(HTML) 3 Page - Austin Semiconductor

  AS27C256 Datasheet HTML 1Page - Austin Semiconductor AS27C256 Datasheet HTML 2Page - Austin Semiconductor AS27C256 Datasheet HTML 3Page - Austin Semiconductor AS27C256 Datasheet HTML 4Page - Austin Semiconductor AS27C256 Datasheet HTML 5Page - Austin Semiconductor AS27C256 Datasheet HTML 6Page - Austin Semiconductor AS27C256 Datasheet HTML 7Page - Austin Semiconductor AS27C256 Datasheet HTML 8Page - Austin Semiconductor AS27C256 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
OPERATION
The seven modes of operation for the AS27C256 are listed in Table 1. The read mode requires a single 5V supply.
All inputs are TTL level except for V
PP during programming (12.75V for FLASHRITE Pulse), and (12V) on A9
for signature mode.
TABLE 1. OPERATION MODES
NOTES:
* X can be V
IL or VIH
**
Die is AMD. User can program on benchtop programmer by selecting AM27C256 from the device
type selection menu.
READ
OUTPUT
DISABLE STANDBY PROGRAMMING VERIFY
PROGRAM
INHIBIT
E\
VIL
VIL
VIH
VIL
VIH
VIH
G\
VIL
VIH
X
VIH
VIL
X
VPP
X
1
X
1
X
1
VPP
VPP
VPP
VCC
VCC
VCC
VCC+/-.3V
VCC
VCC
VCC
A9
X
X
X
X
X
X
VID
2
VID
2
A0
X
X
X
X
X
X
VIL
VIH
MFG
DEVICE
01h
10h
1For normal standby & read operation, VPP is Don't Care X.
2 V
ID = 12V +/- .5V
Data Out
Data Out
High-Z
High-Z
Data In
High-Z
VCC
FUNCTION
(PINS)
SIGNATURE MODE
MODE*
CODE**
DQ0-DQ7
VCC
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com