Electronic Components Datasheet Search
  English  ▼

X  

AS58C1001 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS58C1001
Description  128K x 8 EEPROM EEPROM Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS58C1001_08 Datasheet HTML 1Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 2Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 3Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 4Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 5Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 6Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 7Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 8Page - Austin Semiconductor AS58C1001_08 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
AS58C1001
Rev. 5.5 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
Vcc
I/O0
I/O7
Ready/Busy
Vss
OE\
CE\
WE\
RES\
A0
A6
A7
A16
High Voltage Generator
Control Logic and Timing
Address
Buffer and
Latch
Y Decoder
X Decoder
I/O Buffer
and
Input Latch
Y Gating
Memory Array
Data Latch
FUNCTIONAL BLOCK DIAGRAM
MODE SELECTION
MODE
CE\
OE\
WE\
RES\
RDY/BUSY\
I/O
READ
VIL
VIL
VIH
VH
High-Z
DOUT
STANDBY
VIH
X
X
X
High-Z
High-Z
WRITE
VIL
VIH
VIL
VH
High-Z
DIN
DESELECT
VIL
VIH
VIH
VH
High-Z
High-Z
XX
VIH
X
---
---
X
VIL
X
X
---
---
DATA
POLLING
VIL
VIL
VIH
VH
VOL
Data Out
(I/O7)
PROGRAM
XXX
VIL
High-Z
High-Z
WRITE
INHIBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com