Electronic Components Datasheet Search
  English  ▼

X  

AS8S512K32P-15/SPACE Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS8S512K32P-15/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32P-15/SPACE Datasheet(HTML) 4 Page - Austin Semiconductor

  AS8S512K32P-15/SPACE Datasheet HTML 1Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 2Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 3Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 4Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 5Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32P-15/SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
AC TEST CONDITIONS
NOTE:
1. This parameter is sampled.
OH
OL
I
I
Current Source
Current Source
Vz = 1.5V
(Bipolar
Supply)
Device
Under
Test
Ceff = 50pf
-+
+
NOTES:
Vz is programmable from -2V to + 7V.
I
OL and IOH programmable from 0 to 16 mA.
Vz is typically the midpoint of V
OH and VOL.
I
OL and IOH are adjusted to simulate a typical resistive load
circuit.
Input pulse levels.........................................VSS to 3V
Input rise and fall times.........................................5ns
Input timing reference levels...............................1.5V
Output reference levels........................................1.5V
Output load..............................................See Figure 1
Test Specifications
SYMBOL
PARAMETER
MAX
UNITS
CADD
A0 - A18 Capacitance
50
pF
COE
OE\ Capacitance
50
pF
CWE, CCS
WE\ and CS\ Capacitance
20
pF
CIO
I/O 0- I/O 31 Capacitance
20
pF
CWE ("A" version)
WE\ Capacitance
50
pF
CAPACITANCE (V
IN = 0V, f = 1MHz, TA = 25
oC)1
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com