Electronic Components Datasheet Search
  English  ▼

X  

AS111 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS111
Description  Voltage Comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS111 Datasheet HTML 1Page - Austin Semiconductor AS111 Datasheet HTML 2Page - Austin Semiconductor AS111 Datasheet HTML 3Page - Austin Semiconductor AS111 Datasheet HTML 4Page - Austin Semiconductor AS111 Datasheet HTML 5Page - Austin Semiconductor AS111 Datasheet HTML 6Page - Austin Semiconductor AS111 Datasheet HTML 7Page - Austin Semiconductor AS111 Datasheet HTML 8Page - Austin Semiconductor AS111 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS111
Rev. 1.6 6/05
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS6
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
7
TA = 25°C, RS < 50K
0.7
3.0
mV
Input Offset Current
TA = 25°C
4.0
10
nA
Input Bias Current
TA = 25°C
60
100
nA
Voltage Gain
TA = 25°C
40
200
V/mV
Response Time
8
TA = 25°C
200
ns
Saturation Voltage
VIN < -5mV, IOUT = 50mA, TA = 25°C
0.75
1.5
V
Strobe ON Current
9
TA = 25°C
2.0
5.0
mA
Output Leakage Current VIN > 5mV, IOUT = 35V, TA = 25°C, ISTROBE = 3mA
0.2
10
nA
Input Offset Voltage
7
RS < 50k
4.0
mV
Input Offset Current
7
20
nA
Input Bias Current
150
nA
Input Voltage Range
V+ = 15V, V- = -15V, Pin 7 Pull-Up May Go To 5V
-14.5
13.8, -14.7
13.0
V
Saturation Voltage
V
+
> 4.5V, V
-
= 0, VIN < -6mV, IOUT < 8mA
0.23
0.4
V
Output Leakage Current VIN > 5mV, IOUT = 35V
0.1
0.5
µA
Positive Supply Current
TA = 25°C
5.1
6.0
mA
Negative Supply Current TA = 25°C
4.1
5.0
mA
Note 6: These specifications apply for VS=±15V and Ground pin at ground, and -55°C < T
A
< +125°C, unless otherwise stated.
The offset voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply up to
±15V supplies.
Note 7: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of
either supply with a 1mA load. Thus, these parameters define an error band and take into account the worst-case effects of
voltage gain and R
S
.
Note 8: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 9: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly
disabled. Do not short the strobe pin to ground; it should be current driven at 3 to 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com