Electronic Components Datasheet Search
  English  ▼

X  

AS117R Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS117R
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117R Datasheet(HTML) 3 Page - Austin Semiconductor

  AS117R Datasheet HTML 1Page - Austin Semiconductor AS117R Datasheet HTML 2Page - Austin Semiconductor AS117R Datasheet HTML 3Page - Austin Semiconductor AS117R Datasheet HTML 4Page - Austin Semiconductor AS117R Datasheet HTML 5Page - Austin Semiconductor AS117R Datasheet HTML 6Page - Austin Semiconductor AS117R Datasheet HTML 7Page - Austin Semiconductor AS117R Datasheet HTML 8Page - Austin Semiconductor AS117R Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
TYPICAL APPLICATIONS (CONTINUED)3
Typical Applications (Continued)
High Current Adjustable Regulator
0
‡Optional — improves ripple rejection
†Solid tantalum
*Minimum load current = 30 mA
0 to 30V Regulator
0
Full output current not available at high input-output voltages
Power Follower



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com