Electronic Components Datasheet Search
  English  ▼

X  

AS161 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS161
Description  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS161 Datasheet HTML 1Page - Austin Semiconductor AS161 Datasheet HTML 2Page - Austin Semiconductor AS161 Datasheet HTML 3Page - Austin Semiconductor AS161 Datasheet HTML 4Page - Austin Semiconductor AS161 Datasheet HTML 5Page - Austin Semiconductor AS161 Datasheet HTML 6Page - Austin Semiconductor AS161 Datasheet HTML 7Page - Austin Semiconductor AS161 Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The LM161 is a very high speed differential input,
complementary TTL output voltage comparator with improved
characteristics over similar devices for which it is a pin-for-pin
replacement. The device has been optimized for greater speed
performance and lower input offset voltage. Typically delay
varies only 3 ns for over-drive variations of 5 mV to 500 mV. It
may be operated from op amp supplies (±15V).
Complementary outputs having maximum skew are provided.
Applications involve high speed analog to digital converters
and zero-crossing detectors in disk file systems.
FEATURES
• Independent strobes
• High Speed: 20ns Max
• Tight delay matching on both outputs
• Complementary TTL outputs
• Operates from op amp supplies: ±15V
• Low speed variation with overdrive variation
• Low input offset voltage
• Versatile supply voltage range
OPTIONS
MARKINGS
• Packages
14 Pin Ceramic DIP
C014
14 Pin Ceramic Flatpack
F014
10 Lead Metal Can
T010
AVAILABLE AS MILITARY
SPECIFICATIONS
• MIL-STD-883, Paragraph 1.2.2 Compliant
PIN ASSIGNMENT
(Top View)
High Speed Differential
Comparator
For more products and information
please visit our web site at
www.austinsemiconductor.com
14 Pin Ceramic DIP (C014)
14 Pin Flatpack (F014)
10 Lead Metal Can (T010)
LOGIC DIAGRAM
*Output is low when current is drawn from strobe pin.


Similar Part No. - AS161

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS160-86 ALPHA-AS160-86 Datasheet
50Kb / 3P
PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
logo
Power-One
AS1601-7R POWER-ONE-AS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Kinetic Technologies.
AS1602 KINETIC-AS1602 Datasheet
159Kb / 2P
Dual Channel Active EMI & ESD Suppressor for
March 2022 - Revision 04d
logo
Alpha Industries
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS165-59 SKYWORKS-AS165-59 Datasheet
438Kb / 2P
GaAs IC High Isolation SPST Switch Positive Control 0.7-2.5 GHz
More results

Similar Description - AS161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com