Electronic Components Datasheet Search
  English  ▼

X  

ABC54705-AF Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ABC54705-AF
Description  Fiber Optic Test Probe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ABC54705-AF Datasheet(HTML) 1 Page - Glenair, Inc.

  ABC54705-AF Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-4
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
ABC 54705
Fiber Optic Test Probe
Simplex Cable Assembly
Optical insertion loss < 1.0 dB @ 850 or 1300 nm wavelength.
Glenair Fiber Optic Test Probe U.S. Patent Number 5,960,137.
Fiber Optic Test Probe
A Length (Meters)
Optical Fiber
FC or ST Connector,
Single Channel
ABC 54705 - A - A - 3 C
F = Flat Polish
C = Concave Polish
(Omit for standard
"PC" physical contact polish)
"A" Length in meters
Connector Type:
A = ST Connector
B = FC Connector
C = SC Connector
D = FC/APC Connector
E = Customer Defined
F = LC Connector
Basic Number
Fiber Size:
(Table I)
TABLE I: FIBER SIZE
Symbol
Size
A
100/140 µm
B
62.5/125 µm
C
50/125 µm
D
200/230 µm
E
Singlemode 9.3/125
F
Customer Defined
G
SM 5.8/125 M/F DIA. .21na
H
SM 7.5/125 M/F DIA. .17na


Similar Part No. - ABC54705-AF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
More results

Similar Description - ABC54705-AF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-044B06-11-2-8P GLENAIR-180-044B06-11-2-8P Datasheet
192Kb / 2P
Fiber Optic Test Adapter
180-044B07-11-2-8P GLENAIR-180-044B07-11-2-8P Datasheet
180Kb / 2P
Fiber Optic Test Adapter
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
Fiber Optic Test Adapter
180-073B06-11-2-89 GLENAIR-180-073B06-11-2-89 Datasheet
260Kb / 2P
Fiber Optic Test Adapter
180-089B06-11-8PA GLENAIR-180-089B06-11-8PA Datasheet
196Kb / 2P
Fiber Optic Test Adapter
180-102M06-1 GLENAIR-180-102M06-1 Datasheet
175Kb / 1P
Fiber Optic Probe Adapter
180-102M07-1 GLENAIR-180-102M07-1 Datasheet
174Kb / 1P
Fiber Optic Probe Adapter
180-072B07-11-2-89 GLENAIR-180-072B07-11-2-89 Datasheet
179Kb / 2P
Fiber Optic Test Adapter
180-073B07-11-2-89 GLENAIR-180-073B07-11-2-89 Datasheet
248Kb / 2P
Fiber Optic Test Adapter
180-089B07-11-8PA GLENAIR-180-089B07-11-8PA Datasheet
196Kb / 2P
Fiber Optic Test Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com