Electronic Components Datasheet Search
  English  ▼

X  

8562EC Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 8562EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8562EC Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 8562EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 8562EC Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Amplitude Specifications, continued
Frequency response in dB, 10 dB input attenuation, dc coupled
relative / typical relative / absolute 2 / typical absolute 3
8560EC
8561EC
8562EC
8563EC
8564EC, 8565EC
100 MHz to 2 GHz
0.7/0.7/–/–
0.9/0.8/–/–
1.0/0.8/–/–
0.9/0.8/–/–
30 Hz 1 to 2.9 GHz
1/0.8/1.5/1.0
1.0/0.7/1.75/1.0
1.25/0.8/1.8/1.0
1.25/0.8/1.8/1.0
1.0/0.8/1.5/1.0
2.9 GHz to 6.46.GHz
1.5/1.1/2.5/1.5
1.5/1.1/2.5/1.5
1.5/1.0/2.4/1.5
1.7/1.4/2.6/1.8
6.46 to 13.2 GHz
2.2/1.5/2.9/2.0
2.2/1.5/2.9/2.0
2.6/2.2/3.0/2.8
13.2 to 22 GHz
2.5/1.5/4.0/2.5
2.5/2.5/4.0/3.5
22 to 26.8 GHz
3.3/2.2/4.0/2.5
3.3/2.2/4.5/4.0
26.8 to 31.15 GHz
3.1/2.9/4.0/3.0
31.15 GHz to 40 GHz (Agilent 8564EC)
2.6/2.4/4.0/3.2
31.15 GHz to 50 GHz (Agilent 8565EC)
3.2/3.0/4.0/4.0
Band switching uncertainty
±1 dB (added to relative frequency response for between-band measurements)
Calibrator output
300 MHz x (1 ± frequency reference accuracy 4) at –10 dBm ±0.3 dB
Input attenuator
Switching uncertainty (referenced to 10 dB attenuation)
30 Hz to 2.9 GHz for 20 to 70 dB settings of input attenuator:
±0.6 dB/10 dB step, 1.8 dB maximum
Repeatability ±0.1 dB (nominal)
IF gain uncertainty
±1 dB (0 to –80 dBm reference levels with 10 dB input attenuation)
IF alignment uncertainty
±0.5 dB (additional uncertainty only when using 300 Hz RBW)
Resolution bandwidth switching uncertainty
±0.5 dB (relative to 300 kHz RBW)
Pulse digitization uncertainty
(pulse response mode, PRF > 720/sweep time)
Log
Linear
RBW ≤ 1 MHz
< 1.25 dB pk-pk
< 4% of ref level
RBW = 2 MHz
< 3 dB pk-pk
< 12% of ref level
Standard Deviation (RBW < 1 MHz)
< 0.2 dB (nominal)
Time-gated spectrum analysis
Gate delay 5
Edge mode
Level mode
Range
3 µs to 65.535 ms
≤ 0.5 µs
Resolution
1 µs
Accuracy
±1 µs
(From GATE TRIGGER INPUT to positive edge of GATE OUTPUT)
Gate length
Range
1 µs to 65.535 ms
Resolution
1 µs
Accuracy
±1 µs
(From positive edge to negative edge of GATE OUTPUT)
7
1. Operation below 9 kHz requires Option 856xEC-006
2. Absolute flatness values referenced to 300 MHz CAL OUT
3. Typical values at 25 °C
4. Frequency reference accuracy = aging x time since last adjustment + initial achievable accuracy + temperature stability
5. Up to 1 µs jitter due to 1 µs resolution of gate delay clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com