Electronic Components Datasheet Search
  English  ▼

X  

LPAD0052-FC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # LPAD0052-FC
Description  PINAMP Mini-DIL Optical Receivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LPAD0052-FC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LPAD0052-FC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LPAD0052-FC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0003 Rev. C 1/12/09
Applications Include:
Supervisory channel, Long haul transmission networks, Short haul transmission networks,
DWDM transponders, SDH/SONET single mode applications, Instrumentation and testing, Data communications.
Specifications and Limits
Performance @ 25
oC (+ / - 5.0 VDC)
PARAMETER
UNIT
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Data Rate
Mb/s
4
52
155
622
Sensitivity @ 10
-9 (BER)*
dBm
-50
-48-43
-41-39
-37-33
-31
Overload @ -5 VDC
dBm
-4
0
0
0
Transfer Gain @ 1310nm
V/W
40K
25K
12K
4K
Dark Current @ -5 VDC
nA
0.5
0.5
0.5
0.5
Responsivity @ -5 VDC
A/W
@1310 nm
A/W
0.85
0.85
0.85
0.85
@1550 nm
A/W
0.9
0.9
0.9
0.9
Output Impedance
Ohms
30
60
30
60
30
60
30
60
Supply Voltage
V
4.75
5.25
4.75
5.25
4.75
5.25
4.75
5.25
Supply Current
mA
30
30
30
30
622 Mb/s
*Sensitivity is calculated using the noise voltage measured at 25
oC at the output of a 3-pole Butterworth filter.
Sensitivity is specified as the average optical power in dBm measured at 1310nm and Ta = 25
oC for a BER of 10-9.
4 Mb/s
52Mb/s
155 Mb/s
MTS - LDI
4 Olsen Avenue
Edison, NJ 08820 USA
Voice (732) 549-9001
Fax: (732) 906-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
P
PIIN
NA
AM
MP
P M
Miin
nii--D
DIIL
L O
Op
pttiic
ca
all R
Re
ec
ce
eiiv
ve
errs
s
Laser Diode Incorporated
ISO 9001:2000 Certified
4Mb/s, 52Mb/s, 155Mb/s & 622Mb/s
High sensitivity/Wide dynamic
range
High responsivity and low dark
current InGaAs pin detector
Single Supply Capable
Hermetic Package
GR-468-CORE Telcordia Qualified
Fiber Type
Index
Profile
N/A
Nominal Size
Cladding
Tolerance
900 um Buffer
Material
Fiber Yield
Strength
Fiber Bend
Radius min.
(um)
(um)
(N)
(mm)
Multimode tight buffer
Graded
0.2
50/125/245/900
125 +/-2.0
Hytrel
10
30
Fiber Specifications
Other fiber types are available. Please contact the Laser Diode Sales Department or your local LDI representative.


Similar Part No. - LPAD0052-FC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPA MSYSTEM-LPA Datasheet
118Kb / 3P
Power Transducer Series L-UNIT
LPA-11M1W-B MSYSTEM-LPA-11M1W-B Datasheet
118Kb / 3P
Power Transducer Series L-UNIT
LPA-11M1W-B/Q MSYSTEM-LPA-11M1W-B/Q Datasheet
118Kb / 3P
Power Transducer Series L-UNIT
LPA-11M1W-C MSYSTEM-LPA-11M1W-C Datasheet
118Kb / 3P
Power Transducer Series L-UNIT
LPA-11M1W-C/Q MSYSTEM-LPA-11M1W-C/Q Datasheet
118Kb / 3P
Power Transducer Series L-UNIT
More results

Similar Description - LPAD0052-FC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
750 MHz optical receivers
2002 Dec 03
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
870 MHz optical receivers
2004 Apr 07
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
870 MHz optical receivers
Rev. 5-29 September 2010
BGO807 NXP-BGO807_10 Datasheet
141Kb / 11P
870 MHz optical receivers
Rev. 2-29 September 2010
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
870 MHz optical receivers
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
870 MHz optical receivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com