Electronic Components Datasheet Search
  English  ▼

X  

2090 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # 2090
Description  Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2090 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  2090 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2090 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2090 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. V3
2090 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broadband Performance 1.0 -18.0 GHz
• Low Insertion Loss
• Excellent Amplitude and Phase Balance
• Power: 50 Watts Maximum
• Meets MIL-E-5400 Environments
Description
These are the smallest in-phase isolation 1.0 -18.0 GHz
power dividers available. Rugged stripline construction,
housed in sealed lightweight packages insure reliable
operation in the roughest environments. SMA stainless
steel connectors are standard.
Contact the factory for
other connector designs.
Outline Drawing
Typical Performance Part No. 2090-6214-00
Specifications
Mechanical Specifications
* 50 Watts with 1.2:1 max. load VSWR.
25 Watts with 2:1 max. load VSWR.
Part Number
NO. of
Outputs
Frequency
Range
(GHz)
VSWR (max.)
Input/Output
Isolation (dB
min.) Frequency
(GHz)
1.0-2.5/2.5-18.0
Insertion
Loss dB
(max.)
Output
Unbal-
ance
Phase
(deg.) 1.0-
2.5/2.5-
18.0 GHz
Output
Unbalance
Amp (dB.)
1.0-2.5/2.5-
18.0 GHz
Max.
Input
Power
*
(watts)
2090-6214-00
2
1.0 - 18.0
1.40/1.35
15/22
0.25 + 0.11f
5/5
0.4/0.4
50
2090-6414-00
4
1.0 - 18.0
1.6/1.4
14/18
0.6 + 0.20f
8/12
0.6/1.0
50
2090-6814-00
8
1.0 - 18.0
1.7/1.5
14/17
1.0 + 0.25f
10/16
0.8/1.4
50
Part Number
Size, Inch(mm)
A
Size, Inch(mm)
B
Size, Inch(mm)
F
Size, Inch(mm)
G
Weight
Oz.
Weight
g
2090-6214-00
5.0 (139.7)
1.00 (25.4)
4.00 (101.5)
0.60 (15.2)
3.4
96.6
2090-6414-00
5.20 (132.1)
2.00 (50.8)
3.20 (81.3)
1.60 (45.7)
16
448
2090-6814-00
5.20 (132.1)
4.00 (101.5)
3.20 (81.3)
3.60 (91.4)
30
840
Two-, Four- & Eight-Way Isolated Power Dividers Tapered



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com