Electronic Components Datasheet Search
  English  ▼

X  

MT5C1001DCJ-25L/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # MT5C1001DCJ-25L/XT
Description  1M x 1 SRAM SRAM MEMORY ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1001DCJ-25L/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  MT5C1001DCJ-25L/XT Datasheet HTML 1Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 2Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 3Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 4Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 5Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 6Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 7Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 8Page - Austin Semiconductor MT5C1001DCJ-25L/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1001
Limited Availability
MT5C1001
Rev. 2.1 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC+0.5
V
1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1, 2
Input Leakage Current
0V
≤ VIN ≤ VCC
ILI
-5
5
µA
Output Leakage Current
Output(s) disabled
0V < VOUT < VCC
ILO
-5
5
µA
Output High Voltage
IOH = -4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL = 8.0mA
VOL
0.4
V
1
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
C < 125
oC; V
CC = 5V +10%)
CAPACITANCE
Voltage on Any Input Relative to Vss................................-.5V to +7V
Voltage on Vcc Supply Relative to Vss...............................-.5V to +7V
Voltage Applied to Q............................................................-.5V to +6V
Storage Temperature......................................................-65oC to +150oC
Power Dissipation..............................................................................1W
Short Circuit Output Current.........................................................20mA
Lead Temperature (soldering 10 seconds)....................................+260oC
Junction Temperature..................................................................+175oC
SYM
-20
-25
-35
-45
UNITS NOTES
Icc
125
120
115
110
mA
3
Power Supply
Current: Standby
ISBT1
50
45
40
35
mA
ISBT2
25
25
25
25
mA
ISBC2
10
10
10
10
mA
"L" Version Only
ISBC2
5555
mA
CE\ > VCC -0.2V; VCC = MAX
VIL < VSS +0.2V
VIH > VCC -0.2V; f = 0 Hz
CE\ > VIH; VCC = MAX
f = MAX = 1/tRC (MIN)
Output Open
CE\ > VIH; All Other Inputs
< VIH or > VIH, VCC = MAX
f = 0 Hz
MAX
CONDITIONS
CE\ < VIL; VCC = MAX
f = MAX = 1/tRC (MIN)
Output Open
Power Supply
Current: Operating
PARAMETER
PARAMETER
CONDITIONS
SYMBOL
MAXIMUM
UNITS
NOTES
Input Capacitance (A3-A5, A15 -A17)
C I
10
pF
4
Output Capactiance (Q)
Co
8
pF
4
Input Capacitance: (All Other Inputs)
C I
8pF
4
TA = 25
oC, f = 1MHz
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com