Electronic Components Datasheet Search
  English  ▼

X  

SMA28 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA28
Description  Cascadable Amplifier 10 to 1500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA28 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA28 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA28 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 1500 MHz
Rev. V3
A28 / SMA28
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-1600
10-1500
10-1500
Small Signal Gain (min)
dB
11.0
10.0
9.5
Gain Flatness (max)
dB
±0.2
±0.6
±1.0
Reverse Isolation
dB
17
Noise Figure (max)
dB
6.0
7.0
7.5
Power Output
@ 1 dB comp. (min)
dBm
15.0
14.0
13.5
IP3
dBm
+29
IP2
dBm
+44
Second Order Harmonic IP
dBm
+49
VSWR Input / Output (max)
1.5:1 / 1.5:1
2.0:1 / 2.0:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
45
50
53
Features
• HIGH OUTPUT LEVEL: +15 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +29 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS
• AVAILABLE IN SURFACE MOUNT
Description
The A28 RF amplifier is a discrete thin film hybrid design, which
incorporates the use of thin film manufacturing processes for
accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for temperature-
stable performance, in addition to an RF Choke, used for power
supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A28
TO-8
SMA28
Surface Mount
CA28
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
145ºC/W
Transistor Power Dissipation Pd
0.429 W
Junction Temperature Rise
Above Case Tjc
+62ºC
* Over temperature performance limits for part number CA28, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA28 MACOM-SMA28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
SMA28 MACOM-SMA28 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
MIC GROUP RECTIFIERS
SMA28 MIC-SMA28 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA28 MA-COM-SMA28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
logo
SUNMATE electronic Co.,...
SMA28 SUNMATE-SMA28 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
RA26 MACOM-RA26 Datasheet
324Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MACOM-A28_1 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MA-COM-A28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com