Electronic Components Datasheet Search
  English  ▼

X  

A33 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A33
Description  Cascadable Amplifier 10 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A33 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A33 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A33 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 2000 MHz
Rev. V2
A33 / SMA33
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-2050
10-2000
10-2000
Small Signal Gain (min)
dB
9.5
8.5
8.0
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
15
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
3.0
2.5
2.0
IP3
dBm
+15
IP2
dBm
+22
Second Order Harmonic IP
dBm
+28
VSWR Input / Output (max)
1.7:1 / 1.7:1
2.0:1 / 2.0:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
14
16
17
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE FIGURE: 4.5 dB (TYP.)
• +3 dBm OUTPUT LEVEL (TYP.)
• WIDE POWER SUPPLY RANGE +8 TO +15 VOLTS
Description
The A33 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing
processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for
temperature-stable performance, in addition to an RF Choke,
used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A33
TO-8
MAAM-008718-0SMA33
Surface Mount
MAAM-008718-00CA33
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+20 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
1.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.165 W
Junction Temperature Rise
Above Case Tjc
+7ºC
* Over temperature performance limits for part number CA33, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A33

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A33 DBLECTRO-A33 Datasheet
275Kb / 1P
DONCO CONNECTOR (FEMALE ON WIRE TYPE)
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
List of Unclassifed Man...
A33 ETC2-A33 Datasheet
3Mb / 35P
ARMv7 ISA standard instruction set plus Thumb-2 and Jazeller RCT
logo
M-System Co.,Ltd.
A33 MSYSTEM-A33 Datasheet
91Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
2 TO 2400 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A33

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
A38 MACOM-A38 Datasheet
85Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A37 MACOM-A37_1 Datasheet
376Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A39 MACOM-A39_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA36 MA-COM-SMA36 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com