Electronic Components Datasheet Search
  English  ▼

X  

MT5C1001DCJ-25L/883C Datasheet(PDF) 5 Page - Austin Semiconductor

Part # MT5C1001DCJ-25L/883C
Description  1M x 1 SRAM SRAM MEMORY ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1001DCJ-25L/883C Datasheet(HTML) 5 Page - Austin Semiconductor

  MT5C1001DCJ-25L/883C Datasheet HTML 1Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 2Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 3Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 4Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 5Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 6Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 7Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 8Page - Austin Semiconductor MT5C1001DCJ-25L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1001
Limited Availability
MT5C1001
Rev. 2.1 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
ACTEST CONDITIONS
Input pulse levels ................................... Vss to 3.0V
Input rise and fall times ....................................... 5ns
Input timing reference levels ............................. 1.5V
Output reference levels ..................................... 1.5V
Output load .............................. See Figures 1 and 2
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-3V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
The specified value applies with the outputs
unloaded, and f =
1
Hz.
tRC (MIN)
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
t
LZCE
, t
LZWE
, t
LZOE
, t
HZCE
, t
HZOE
and t
HZWE
are
specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV typical from steady state voltage,
allowing for actual tester RC time constant.
7.
At any given temperature and voltage condition,
t
HZCE
is less than t
LZCE
, and t
HZWE
is less than t
LZWE
and
t
HZOE
is less than t
LZOE
.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. t
RC
= Read Cycle Time.
12. Chip enable (CE\) and write enable (WE\) can initiate and
terminate a WRITE cycle.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
123
123
123
123
1234
1234
1234
1234
DON’T CARE
UNDEFINED
LOW Vcc DATA RETENTION WAVEFORM
V
TH
= 1.73V
Q
167
Ω
30pF
V
TH
= 1.73V
Q
167
Ω
5pF
12345678
12345678
12345678
12345678
123
123
123
123
1234
1234
1234
1234
123456789
123456789
123456789
123456789
123
123
123
123
1234
1234
1234
1234
DATA RETENTION MODE
V
DR > 2V
4.5V
4.5V
V
DR
t
CDR
t
R
V
IH
V
IL
V
CC
CE\
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2--
V
VCC = 2V
ICCDR
1.0
mA
VCC = 3V
1.5
mA
Chip Deselect to Data
Retention Time
tCDR
0
--
ns
4
Operation Recovery Time
tR
tRC
ns
4, 11
Data Retention Current
CE\ > (VCC - 0.2V)
and
VIN > (VCC - 0.2V)
or < 0.2V
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com