Electronic Components Datasheet Search
  English  ▼

X  

IPT3115 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # IPT3115
Description  Dummy Stowage Receptacles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

IPT3115 Datasheet(HTML) 1 Page - Glenair, Inc.

  IPT3115 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
C-9
IPT 3115 and IPT 3115A
Dummy Stowage Receptacles
TABLE I
Shell size
A
+0.02
-0.12
B
+0.25
-0
G
±0.4
H
±0.1
L
+0.6
-0.25
M
±0.12
8
12.01
10.95
20.6
15.10
12.5
3.04
10
14.98
10.95
23.8
18.25
12.5
3.04
12
19.05
10.95
26.2
20.60
12.5
3.04
14
22.22
10.95
28.6
23.00
12.5
3.04
16
25.40
10.95
31.0
24.60
12.5
3.04
18
28.57
10.95
33.3
27.00
12.5
3.04
20
31.75
14.10
36.5
29.35
16.5
3.04
22
34.92
14.10
39.7
31.75
16.5
3.04
24
38.10
15.00
42.9
39.40
17.3
3.73
APPLICATION NOTES
IPT3115 : Dummy receptacle with rear base and seal.
In conformity with MIL-C-26482.
IPT3115A : Dummy receptacle without rear base and seal.
A
G
H
IPT 3115
MIL-C-26482
Accessory
Basic Part Number
and Shell Size


Similar Part No. - IPT3115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IPT3180-10CF2 GLENAIR-IPT3180-10CF2 Datasheet
245Kb / 1P
Protective Plug Covers
IPT3180-10NF2 GLENAIR-IPT3180-10NF2 Datasheet
206Kb / 1P
Protective Receptacle Covers
More results

Similar Description - IPT3115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650BS012B20 GLENAIR-650BS012B20 Datasheet
25Kb / 1P
Dummy Stowage Receptacles
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
Dummy Stowage Receptacle
650FS002M16 GLENAIR-650FS002M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacles
650GS007M19 GLENAIR-650GS007M19 Datasheet
30Kb / 1P
Dummy Stowage Receptacles
650JS002M16 GLENAIR-650JS002M16 Datasheet
32Kb / 1P
Dummy Stowage Receptacles
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
M38999-911B GLENAIR-M38999-911B Datasheet
74Kb / 1P
Dummy Stowage Receptacle
M83723-61-108A GLENAIR-M83723-61-108A Datasheet
32Kb / 1P
Dummy Stowage Receptacles
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com