Electronic Components Datasheet Search
  English  ▼

X  

AD7949 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7949
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7949 Datasheet(HTML) 4 Page - Analog Devices

  AD7949 Datasheet HTML 1Page - Analog Devices AD7949 Datasheet HTML 2Page - Analog Devices AD7949 Datasheet HTML 3Page - Analog Devices AD7949 Datasheet HTML 4Page - Analog Devices AD7949 Datasheet HTML 5Page - Analog Devices AD7949 Datasheet HTML 6Page - Analog Devices AD7949 Datasheet HTML 7Page - Analog Devices AD7949 Datasheet HTML 8Page - Analog Devices AD7949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7949
Rev. B | Page 4 of 32
Parameter
Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
REF Output Voltage
2.5 V, @ 25°C
2.490
2.500
2.510
V
4.096 V, @ 25°C
4.086
4.096
4.106
V
REFIN Output Voltage7
2.5 V, @ 25°C
1.2
V
4.096 V, @ 25°C
2.3
V
REF Output Current
±300
μA
Temperature Drift
±10
ppm/°C
Line Regulation
VDD = 5 V ± 5%
±15
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 10 μF
5
ms
EXTERNAL REFERENCE
Voltage Range
REF input
0.5
VDD + 0.3
V
REFIN input (buffered)
0.5
VDD − 0.5
V
Current Drain
250 kSPS, REF = 5 V
50
μA
TEMPERATURE SENSOR
Output Voltage8
@ 25°C
283
mV
Temperature Sensitivity
1
mV/°C
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format9
Pipeline Delay10
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.3
5.5
V
VIO
Specified performance
2.3
VDD + 0.3
V
Operating range
1.8
VDD + 0.3
V
Standby Current11, 12
VDD and VIO = 5 V, @ 25°C
50
nA
Power Dissipation
VDD = 2.5 V, 100 SPS throughput
1.5
μW
VDD = 2.5 V, 100 kSPS throughput
1.45
2.0
mW
VDD = 2.5 V, 200 kSPS throughput
2.9
4.0
mW
VDD = 5 V, 250 kSPS throughput
10.8
12.5
mW
VDD = 5 V, 250 kSPS throughput with internal
reference
13.5
15.5
mW
Energy per Conversion
50
nJ
TEMPERATURE RANGE13
Specified Performance
TMIN to TMAX
−40
+85
°C
1 See the Analog Inputs section.
2 The bandwidth is set in the configuration register.
3 LSB means least significant bit. With the 5 V input range, one LSB = 305 μV.
4 See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
5 With VDD = 5 V, unless otherwise noted.
6 All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
7 This is the output from the internal band gap.
8 The output voltage is internal and present on a dedicated multiplexer input.
9 Unipolar mode: serial 14-bit straight binary.
Bipolar mode: serial 14-bit twos complement.
10 Conversion results available immediately after completed conversion.
11 With all digital inputs forced to VIO or GND as required.
12 During acquisition phase.
13 Contact an Analog Devices, Inc., sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com