Electronic Components Datasheet Search
  English  ▼

X  

AD7985BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7985BCPZ Datasheet HTML 6Page - Analog Devices AD7985BCPZ Datasheet HTML 7Page - Analog Devices AD7985BCPZ Datasheet HTML 8Page - Analog Devices AD7985BCPZ Datasheet HTML 9Page - Analog Devices AD7985BCPZ Datasheet HTML 10Page - Analog Devices AD7985BCPZ Datasheet HTML 11Page - Analog Devices AD7985BCPZ Datasheet HTML 12Page - Analog Devices AD7985BCPZ Datasheet HTML 13Page - Analog Devices AD7985BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7985
Rev. 0 | Page 10 of 28
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
01250
fS = 2.5MSPS
fIN = 20kHz
SNR = 89.87dB
THD = –102.76dB
SINAD = 89.66dB
1000
750
500
250
FREQUENCY (kHz)
Figure 11. FFT Plot (External Reference)
100
95
90
85
80
16
15
14
13
12
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
95
90
85
80
75
70
65
11000
100
10
FREQUENCY (kHz)
Figure 13. SINAD vs. Frequency
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1250
1000
750
500
250
FREQUENCY (kHz)
fS = 2.5MSPS
fIN = 20kHz
SNR = 88.45dB
THD = –103.42dB
SINAD = 88.32dB
Figure 14. FFT Plot (Internal Reference)
–90
–95
–100
–105
–110
100
95
90
85
80
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
REFERENCE VOLTAGE (V)
SFDR
THD
Figure 15. THD and SFDR vs. Reference Voltage
–85
–90
–95
–100
–105
–110
11
100
10
FREQUENCY (kHz)
000
Figure 16. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com