Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8465
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8465 Datasheet HTML 5Page - Analog Devices AD8465 Datasheet HTML 6Page - Analog Devices AD8465 Datasheet HTML 7Page - Analog Devices AD8465 Datasheet HTML 8Page - Analog Devices AD8465 Datasheet HTML 9Page - Analog Devices AD8465 Datasheet HTML 10Page - Analog Devices AD8465 Datasheet HTML 11Page - Analog Devices AD8465 Datasheet HTML 12Page - Analog Devices AD8465 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8465
Rev. 0 | Page 9 of 16
LE/HYS PIN CURRENT (µA)
0
50
100
150
200
250
300
350
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
+125°C
+25°C
–40°C
Figure 10. Hysteresis vs. LE/HYS Pin Current
1.0
1.5
2.0
2.5
3.0
3.5
0
1020
30
40
50607080
90
100
OVERDRIVE (mV)
PROPAGATION
DELAY
Figure 11. Propagation Delay vs. Input Overdrive
1.3
1.4
1.5
1.6
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
VCM AT VCC = 2.5V (V)
PROPAGATION
DELAY RISE ns
PROPAGATION
DELAY FALL ns
Figure 12. Propagation Delay vs. Input Common-Mode Voltage
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
2.4
3.4
4.4
5.4
VCCO (V)
Figure 13. LVDS Output Swing vs. VCCO
925.0mV
1.000ns/DIV
1.425V
Q
Q
Figure 14. 50 MHz Output Voltage Waveform at VCCO = 2.5 V
1.043V
1.000ns/DIV
1.543V
Q
Q
Figure 15. 50 MHz Output Voltage Waveform at VCCO = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com