Electronic Components Datasheet Search
  English  ▼

X  

MZ8813 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MZ8813
Description  Triple-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MZ8813 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MZ8813 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MZ8813 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MZ8813 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Triple-Balanced Mixer
Rev. V3
MZ8813 / MZ8813C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 2 to 18 GHz
• RF 2 to 18 GHz
• IF 1 to 8 GHz
• LO Drive +13 dBm (nominal)
• Wide Bandwidth
• Available with Field Replaceable Connectors
Description
The MZ8813 is a triple balanced mixer, designed for use in mili-
tary, commercial and test equipment applications.
The design
utilizes Schottky ring quad diodes and broadband soft dielectric
baluns to attain excellent performance. The use of high tempera-
ture solder and welded assembly processes used internally
makes it ideal for use in manual, semi-automated assembly.
Environmental screening available to MIL-STD-883, MIL-STD-202
or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
MZ8813
Versapac
MZ8813C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +13 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fR = 3 to 10 GHz, fL = 2 to 15 GHz, fI = 1 to 5 GHz
fR = 2 to 18 GHz, fL = 2 to 18 GHz, fI = 1 to 8 GHz
dB
6.5
7.5
9.0
11.0
9.5
11.5
SSB Noise Figure (max)
Within 1 dB of conversion loss
dB
____
____
____
Isolation, L to R (min)
fL = 2 to 18 GHz
dB
25
15
13
Isolation, L to I (min)
fL = 2 to 18 GHz
dB
28
16
14
1 dB Conversion Comp.
fL = +13 dBm
dBm
+8
Input IP3
fR1 = 3 GHz at –10 dBm, fR2 = 3.01 GHz at –10 dBm, fL = 5 GHz
at +13 dBm
fR1 = 17.99 GHz at –10 dBm, fR2 = 18 GHz at –10 dBm, fL = 14
GHz at +13 dBm
dBm
+19
+16
Product Image


Similar Part No. - MZ8813

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8813 MACOM-MZ8813 Datasheet
122Kb / 2P
TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MZ8813 MA-COM-MZ8813 Datasheet
121Kb / 3P
Triple-Balanced Mixer
logo
Tyco Electronics
MZ8813C MACOM-MZ8813C Datasheet
122Kb / 2P
TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MZ8813 MA-COM-MZ8813_15 Datasheet
121Kb / 3P
Triple-Balanced Mixer
More results

Similar Description - MZ8813

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com