Electronic Components Datasheet Search
  English  ▼

X  

DS-331 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS-331
Description  Two-Way Power Divider, 750 - 1500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-331 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS-331 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-331 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Two-Way Power Divider,
750 - 1500 MHz
Rev. V3
DS-331
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Phase Blanace: 2o Typical
• Isolation: 20 dB Typical Midband
• Input VSWR: 1.5:1 Typical Midband
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt Max.
• Internal Load Dissipation: 0.1 Watts Max.
• MIL-STD-202 Screening Available
Description
A Power Divider is ideally a lossless reciprocal
device which can also perform vector summation of two
or more signals and thus is sometimes called a power
combiner or summer.
TO-8-2
Pin Configuration
Electrical Specifications
1: T
A = -55°C to +85°C
Pin No.
Function
Pin No.
Function
1
Output D
7
2
GND
8
GND
3
9
Output C
4
GND
10
5
Σ
11
6
GND
12
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
750 - 1500 MHz
dB
—
—
0.4
Isolation
—
750 - 1500 MHz
dB
10
—
—
Amplitude Balance
—
750 - 1500 MHz
dB
—
—
0.2
Phase Balance
—
750 - 1500 MHz
°
—
—
6
VSWR
Input
Output
750 - 1500 MHz
750 - 1500 MHz
Ratio
Ratio
—
—
—
—
1.7:1
1.3:1
1. All specifications apply with 50 ohm source and load impedance.
This product contains elements protected by United States Patent Number 3,428,920.


Similar Part No. - DS-331

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-331 MACOM-DS-331 Datasheet
112Kb / 1P
Two-Way Power Divider 750 - 1500 MHz
logo
M/A-COM Technology Solu...
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
Two-Way Power Divider
More results

Similar Description - DS-331

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
Two-Way Power Divider 10 - 500 MHz
DS-331 MACOM-DS-331 Datasheet
112Kb / 1P
Two-Way Power Divider 750 - 1500 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
DS-DSS-113 MA-COM-DS-DSS-113 Datasheet
94Kb / 3P
Two-Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com