Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8622
Description  Dual, Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8622 Datasheet HTML 12Page - Analog Devices AD8622 Datasheet HTML 13Page - Analog Devices AD8622 Datasheet HTML 14Page - Analog Devices AD8622 Datasheet HTML 15Page - Analog Devices AD8622 Datasheet HTML 16Page - Analog Devices AD8622 Datasheet HTML 17Page - Analog Devices AD8622 Datasheet HTML 18Page - Analog Devices AD8622 Datasheet HTML 19Page - Analog Devices AD8622 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8622
Rev. 0 | Page 16 of 20
HALL SENSOR SIGNAL CONDITIONING
The AD8622 is also highly suitable for high accuracy, low power
signal conditioning circuits. One such use is in Hall sensor
signal conditioning (see Figure 55). The magnetic sensitivity of
a Hall element is proportional to the bias voltage applied across
it. With 1 V bias voltage, the Hall element consumes about
2.5 mA of supply current and has a sensitivity of 5.5 mV/mT
typical. To reduce power consumption, bias voltage must be
reduced, but at the risk of lower sensitivity. The only way to
achieve higher sensitivity is by introducing a gain using a
precision micropower amplifier. The AD8622, with all its
features, is well suited to amplify the sensitivity of the Hall
element.
The ADR121 is a precision micropower 2.5 V voltage reference.
A precision voltage reference is required to hold a constant current
so that the Hall voltage only depends on the intensity of the mag-
netic field. Using the 4.12k:98.8k resistive divider, the bias
voltage of the Hall element is reduced to 100 mV, leading to only
250 μA of power consumption. The 3-op-amp in-amp
configuration of the AD8622 then increases the sensitivity to
55 mV/mT. Using the AD8622 to amplify the sensor signal can
reduce power while also achieving higher sensitivity. The total
current consumed is just 1.2 mA, resulting in 21× improvement in
sensitivity/power.
VSY
VSY
VSY
9.9kΩ
9.9kΩ
9.9kΩ
9.9kΩ
9.9kΩ
200Ω
4.12kΩ
98.8kΩ
9.9kΩ
ADR121 –2.5V
400Ω
×4
HALL
ELEMENT
VOUT = 2.5V +
× MAGNETIC FIELD (mT)
55mV
mT
1/2
AD8622
+
–
1/2
AD8622
+
–
VSY
1/2
AD8622
–
+
VSY
1/2
AD8622
–
+
+
C3
0.1µF
TO 10µF
C2
0.1µF
C1
1µF TO 10µF
NOTES
1. USE MATCHED RESISTORS FOR IN-AMP.
2. FOR INFORMATION ON C1, C2, AND C3, REFER TO ADR121 DATA SHEET.
Figure 55. Hall Sensor Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com