Electronic Components Datasheet Search
  English  ▼

X  

MS27477Y8D Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS27477Y8D
Description  Jam Nut Mount Hermetic Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27477Y8D Datasheet(HTML) 1 Page - Glenair, Inc.

  MS27477Y8D Datasheet HTML 1Page - Glenair, Inc. MS27477Y8D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-16
B
MS27477
Jam Nut Mount Hermetic Receptacle
MIL-DTL-38999 Series II
120°
BSC
TYP
90° 85°
Master
Key
B DIA
D
D
.105/.084
EP Max (Pin)
ES Max (Socket)
F
Solder Cup
Contact (P)
Eyelet
Contact (X)
.175/.125
C
Flat
Feedthrough
Contact (C)
.109/.062
Panel
Thickness
L Max
O-Ring
P
(See Table II)
Nut
Per MS27512
A Thread
Contrasting
Color Pin Ends
(3 Places)
How To Order: MS
Shell Style
MS27477 - Jam Nut Mount, Series II
Class
Y- Hermetic
Alternate Key
Position
A, B, C, D
(Omit for Normal)
Connector Material / Finish
D - Carbon Steel - Fused Tin Finish
E - Stainless Steel - Passivate Finish
N - Stainless Steel - Nickel Finish
MS27477
Y
10
N
35
P
A
Shell Size
8,10,12,14,16,18,20,22,24
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
Flex Feedthrough
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
Flex Feedthrough
Insert Arrangement
MIL-DTL-38999 Series II
Hermetic Inserts Per
MIL-STD-1560;
See Pages B-2 - B-4


Similar Part No. - MS27477Y8D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27477 GLENAIR-MS27477 Datasheet
59Kb / 1P
Military Standard Connector Index
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results

Similar Description - MS27477Y8D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
Hermetic Receptacle, Jam Nut Mount
MS27470Y9D GLENAIR-MS27470Y9D Datasheet
452Kb / 2P
Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
Jam Nut Mount Hermetic Receptacle
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com