Electronic Components Datasheet Search
  English  ▼

X  

MS27477Y22D Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MS27477Y22D
Description  Jam Nut Mount Hermetic Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27477Y22D Datasheet(HTML) 2 Page - Glenair, Inc.

  MS27477Y22D Datasheet HTML 1Page - Glenair, Inc. MS27477Y22D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-17
B
MS27477
Jam Nut Mount Hermetic Receptacle
MIL-DTL-38999 Series II
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
±.016(0.4)
C FLAT
±.004(0.1)
D A/F
±.016(0.4)
8/08
.875-20 UNEF
1.375(34.9)
.815(20.7)
1.25(31.8)
10
1.000-20 UNEF
1.5(38.1)
.939(23.9)
1.375(34.9)
12
1.125-18 UNEF
1.625(41.3)
1.063(27.0)
1.5(38.1)
14
1.250-18 UNEF
1.75(44.5)
1.188(30.2)
1.625(41.3)
16
1.375-18 UNEF
1.938(49.2)
1.318(33.5)
1.781(45.2)
18
1.500-18 UNEF
2.016(51.2)
1.438(36.5)
1.890(48.0)
20
1.625-18 UNEF
2.141(54.4)
1.563(39.7)
2.016(51.2)
22
1.750-18 UNS
2.265(57.5)
1.688(42.9)
2.140(54.4)
24
1.875-16 UN
2.39(60.7)
1.813(46.1)
2.265(57.5)
TABLE I (CONTINUED): CONNECTOR DIMENSIONS
SHELL
SIZE
EP
MAX
ES
MAX
F
±.005(0.1)
G DIA
±.005(0.1)
H
±.005(0.1)
L MAX
8/08
.281 (7.1) .359 (9.1)
.438(11.1)
.889(22.6)
.828(21.0)
.724(18.4)
10
.281 (7.1) .359 (9.1)
.438(11.1)
1.015(25.8)
.952(24.2)
.724(18.4)
12
.281 (7.1) .359 (9.1)
.438(11.1)
1.139(28.9)
1.076(27.3)
.724(18.4)
14
.281 (7.1) .359 (9.1)
.438(11.1)
1.264(32.1)
1.201(30.5)
.724(18.4)
16
.281 (7.1) .359 (9.1)
.438(11.1)
1.389(35.3)
1.331(33.8)
.724(18.4)
18
.281 (7.1) .359 (9.1)
.438(11.1)
1.515(38.5)
1.451(36.9)
.724(18.4)
20
.250 (6.4) .344 (8.7)
.464(11.8)
1.640(41.7)
1.576(40.0)
.719(18.3)
22
.250 (6.4) .344 (8.7)
.464(11.8)
1.745(44.3)
1.701(43.2)
.719(18.3)
24
.250 (6.4) .344 (8.7)
.464(11.8)
1.890(48.0)
1.826(46.4)
.719(18.3)
TABLE ll: CONTACT SIZE
.050 ± .015
(1.27 ± 0.38)
SIZE 22D AND SIZE 20
SIZE 12 AND SIZE 16
PRINTED CIRCUIT TAIL CONFIGURATIONS
CONTACT STYLE C AND D
P
P
Contact
Size
ø P
22D
.011 (0.28)
.015 (0.38)
20
.024 (0.61)
.028 (0.71)
16
.0635 (1.61)
.0615 (1.56)
12
.095 (2.41)
.093 (2.36)
G DIA
Recommended Panel
Cut-Out
H
Connector Series
232 - Series II Type
Alternate Key Position
A, B, C, D,
(N = Normal)
Connector Material / Finish
ZL - CRES, Nickel
Z1 - CRES, Passivated
FT - Carbon Steel, Fused Tin
Shell Size
08,10,12,14,16,18,20,22,24
232 - 100 - H7
Z1
10 - 35
P
N
Shell Style
H7 - Hermetic Box Mount
Connector Type
100 - Hermetic
Receptacle
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
How To Order: Commercial
Insert Arrangement
Per MIL-STD-1560;
See Pages B-2 - B-4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com