Electronic Components Datasheet Search
  English  ▼

X  

AD9551 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9551
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9551 Datasheet HTML 17Page - Analog Devices AD9551 Datasheet HTML 18Page - Analog Devices AD9551 Datasheet HTML 19Page - Analog Devices AD9551 Datasheet HTML 20Page - Analog Devices AD9551 Datasheet HTML 21Page - Analog Devices AD9551 Datasheet HTML 22Page - Analog Devices AD9551 Datasheet HTML 23Page - Analog Devices AD9551 Datasheet HTML 24Page - Analog Devices AD9551 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9551
Rev. B | Page 21 of 40
HOLDOVER MODE
In the absence of both input references, the device enters holdover
mode. Holdover is a secondary function that is provided by the
input PLL. Because the DCXO has an external crystal as its fre-
quency source, it continues to operate in the absence of the input
reference signals. When the device switches to holdover, the DCXO
is held at the frequency at which it was operating just prior to
switchover. The device continues operating in this mode until
a reference signal becomes available; the device then exits holdover
mode, and the input PLL resynchronizes with the active reference.
JITTER TOLERANCE
Jitter tolerance is the ability of the AD9551 to maintain lock in the
presence of sinusoidal jitter. The AD9551 meets the DS1 reference
input jitter tolerance mask per Telcordia GR-1244-CORE (see
Figure 22). The acceptable jitter tolerance is the region above the
mask.
10
1
0.1
10
100
1k
10k
100k
JITTER FREQUENCY (Hz)
EXTERNAL TIMING MASK
LINE TIMING MASK
Figure 22. Jitter Tolerance
EXTERNAL LOOP FILTER CAPACITOR
The output PLL loop filter requires the connection of an external
capacitor from LF (Pin 17) to LDO_VCO (Pin 22). The value of
the external capacitor depends on the operating mode (normal
or 19.44 MHz). Normal mode requires a 12 nF capacitor that sets
the loop bandwidth at approximately 70 kHz and ensures loop
stability over the intended operating parameters of the device.
The 19.44 MHz mode requires a 100 nF capacitor, along with
a change in the output PLL charge pump current to 25 μA, via
Register 0x0A. This establishes similar loop bandwidth and
stability criteria as found in normal mode.
Note that the 19.44 MHz mode does not function properly
unless the user changes the output PLL charge pump current
from its default setting to 25 μA.
OUTPUT/INPUT FREQUENCY RELATIONSHIP
Following are the three equations that define the frequency
at OUT1 and OUT2 (fOUT1 and fOUT2, respectively). Note that
in the equations throughout this datasheet, the subscripted x
indicates A or B.
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
)
(
2
2
1
x
x
x
REF
IF
MOD
FRAC
N
K
f
f
x
1)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ +
=
1
0
MOD
FRAC
IF
OUT1
P
P
N
f
f
2)
2
OUT1
OUT2
P
f
f
=
3)
where:
fREFA and fREFB are the input reference frequency, with the
subscripted A or B indicating REFA or REFB, respectively.
fIF is the frequency at the input of the output PLL’s PDF.
P0 and P1 are OUT1 divider values.
P2 is the OUT2 divider value.
K is the input mode scale factor.
NA, NB, FRACA, FRACB, MODA, and MODB are the input reference
divider values, with the A or B subscript indicating REFA or REFB,
respectively.
N, FRAC, and MOD are the feedback divider values for the
output PLL.
The various dividers have the following constraints:
{
}
∈
x
N
63
,
,
2
,
1
L
with SDM disabled
{
}
∈
x
N
63
,
,
4
,
3
L
with SDM active
{
}
∈ −
287
,
524
,
,
287
,
524
,
288
,
524
L
−
x
FRAC
{
}
∈
x
MOD
287
,
524
,
,
2
,
1
L
{
}
255
,
,
65
,
64
L
N
∈
{
}
∈
FRAC
575
,
048
,
1
,
,
1
,
0
L
{
}
575
,
048
,
1
,
,
2
,
1
L
MOD
∈
{
}
∈
0
P
11
,
,
5
,
4
L
{
}
∈
1
P
63
,
,
2
,
1
L
{
}
∈
2
P
63
,
,
2
,
1
L
The VCO imposes the following constraint on fIF:
MHz
4050
MHz
3350
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
≤
≤
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
MOD
FRAC
IF
MOD
FRAC
N
f
N
The input frequencies (fREFA and fREFB) must satisfy the following
relationship:
⎟⎟
⎠
⎞
⎛
=
⎞
⎛
)
(
1
1
B
B
REF
A
REF
MOD
FRAC
f
FRAC
f
B
A
⎜⎜
⎝
+
+
⎟⎟
⎠
⎜⎜
⎝
+
+
2
2
)
(
2
2
B
A
A
N
MOD
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com