Electronic Components Datasheet Search
  English  ▼

X  

ADCLK948 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCLK948
Description  Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK948 Datasheet(HTML) 5 Page - Analog Devices

  ADCLK948 Datasheet HTML 1Page - Analog Devices ADCLK948 Datasheet HTML 2Page - Analog Devices ADCLK948 Datasheet HTML 3Page - Analog Devices ADCLK948 Datasheet HTML 4Page - Analog Devices ADCLK948 Datasheet HTML 5Page - Analog Devices ADCLK948 Datasheet HTML 6Page - Analog Devices ADCLK948 Datasheet HTML 7Page - Analog Devices ADCLK948 Datasheet HTML 8Page - Analog Devices ADCLK948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADCLK948
Rev. 0 | Page 5 of
12
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
VCC − VEE
6 V
Input Voltage
CLK0, CLK1, CLK0, CLK1, IN_SEL
VEE − 0.5 V to
VCC + 0.5 V
CLK0, CLK1, CLK0, CLK1 to VTx Pin (CML,
LVPECL Termination)
±40 mA
CLK0, CLK1 to CLK0, CLK1
±1.8 V
Input Termination, VTx to CLK0, CLK1, CLK0,
and CLK1
±2 V
Maximum Voltage on Output Pins
VCC + 0.5 V
Maximum Output Current
35 mA
Voltage Reference (VREFx)
VCC to VEE
Operating Temperature Range
Ambient
−40°C to +85°C
Junction
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
DETERMINING JUNCTION TEMPERATURE
To determine the junction temperature on the application
printed circuit board (PCB), use the following equation:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured by the customer at
the top center of the package.
Ψ
JT
is from Table 6.
PD is the power dissipation.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order approxi-
mation of TJ by the equation
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJB are provided in Table 6 for package comparison
and PCB design considerations.
ESD CAUTION
THERMAL PERFORMANCE
Table 6.
Parameter
Symbol
Description
Value1
Unit
Junction-to-Ambient Thermal Resistance
θ
JA
Still Air
Per JEDEC JESD51-2
0 m/sec Air Flow
49.8
°C/W
Moving Air
θ
JMA
Per JEDEC JESD51-6
1 m/sec Air Flow
43.5
°C/W
2.5 m/sec Air Flow
39.0
°C/W
Junction-to-Board Thermal Resistance
θ
JB
Moving Air
Per JEDEC JESD51-8
1 m/sec Air Flow
30.7
°C/W
Junction-to-Case Thermal Resistance
θ
JC
Moving Air
Per MIL-STD 883, Method 1012.1
Die-to-Heatsink
8.8
°C/W
Junction-to-Top-of-Package Characterization Parameter
Ψ
JT
Still Air
Per JEDEC JESD51-2
0 m/sec Air Flow
0.7
°C/W
1 Results are from simulations. The PCB is a JEDEC multilayer type. Thermal performance for actual applications requires careful inspection of the conditions in the
application to determine if they are similar to those assumed in these calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com