Electronic Components Datasheet Search
  English  ▼

X  

ADP5020 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5020
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5020 Datasheet HTML 5Page - Analog Devices ADP5020 Datasheet HTML 6Page - Analog Devices ADP5020 Datasheet HTML 7Page - Analog Devices ADP5020 Datasheet HTML 8Page - Analog Devices ADP5020 Datasheet HTML 9Page - Analog Devices ADP5020 Datasheet HTML 10Page - Analog Devices ADP5020 Datasheet HTML 11Page - Analog Devices ADP5020 Datasheet HTML 12Page - Analog Devices ADP5020 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP5020
Rev. 0 | Page 9 of
28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
15
VOUT1
14
VOUT1
13
VDD3
12
VOUT3
11
EN/GPIO
3 VDDA
2VOUT2
1 PGND2
4AGND
5SYNC
BOTTOM VIEW
(Not to Scale)
EXPOSED PAD
ADP5020
NOTES
1. EXPOSED PAD SHOULD BE CONNECTED
TO PGND1 AND PGND2.
Figure 4. Pin Configuration (Bottom View)
VOUT1
VOUT1
VDD3
VOUT3
EN/GPIO
VDDA
VOUT2
PGND2
AGND
SYNC
PIN 1
INDICATOR
1
2
3
4
5
13
14
15
12
11
TOP VIEW
(Not to Scale)
ADP5020
Figure 5. Pin Configuration (Top View)
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PGND2
Power Ground Buck 2.
2
VOUT2
Feedback Buck 2.
3
VDDA
Supply Voltage Internal Analog Circuit.
4
AGND
Analog Ground.
5
SYNC
Frequency Synchronization. Connect to an external 19.2 MHz or 9.6 MHz clock signal to synchronize the
internal oscillator.
6
DGND
Digital Ground.
7
SDA
I2C Data.
8
SCL
I2C Clock.
9
VDD_IO
Supply Voltage for Internal Logic Inputs/Outputs.
10
XSHTDN
Shutdown Output, Active Low.
11
EN/GPIO
After power-on reset, this pin is defined as enable (EN). To enable active high, the I2C command can program
this pin to be an output (GPIO). A weak pull-down resistor is enabled when the pin operates as EN.
12
VOUT3
Regulated Output Voltage from LDO.
13
VDD3
Supply Voltage LDO.
14, 15
VOUT1
Feedback/Driver Buck 1 Output.
16
PGND1
Power Ground Buck 1.
17
SW1
Switch Pin Buck 1.
18
VDD1
Supply Voltage Buck 1.
19
VDD2
Supply Voltage Buck 2.
20
SW2
Switch Pin Buck 2.
EPAD
Exposed paddle
Exposed pad should be connected to PGND1 and PGND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com