Electronic Components Datasheet Search
  English  ▼

X  

ADP3633 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3633
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3633 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3633 Datasheet HTML 4Page - Analog Devices ADP3633 Datasheet HTML 5Page - Analog Devices ADP3633 Datasheet HTML 6Page - Analog Devices ADP3633 Datasheet HTML 7Page - Analog Devices ADP3633 Datasheet HTML 8Page - Analog Devices ADP3633 Datasheet HTML 9Page - Analog Devices ADP3633 Datasheet HTML 10Page - Analog Devices ADP3633 Datasheet HTML 11Page - Analog Devices ADP3633 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 8 of 16
SD
1
INA 2
PGND
3
INB
4
OTW
8
OUTA
7
VDD
6
OUTB
5
ADP3625/
ADP3635
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD OF THE PACKAGE IS NOT DIRECTLY
CONNECTED TO ANY PIN OF THE PACKAGE, BUT IT IS
ELECTRICALLY AND THERMALLY CONNECTED TO THE DIE
SUBSTRATE, WHICH IS THE GROUND OF THE DEVICE.
Figure 9. ADP3625/ADP3635 Pin Configuration
Table 5. ADP3625/ADP3635 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Output Shutdown. When high, this pin disables normal operation, forcing OUTA and OUTB low.
2
INA
Inverting Input Pin for Channel A Gate Driver.
3
PGND
Ground. This pin should be closely connected to the source of the power MOSFET.
4
INB
Input Pin for Channel B Gate Driver.
5
OUTB
Output Pin for Channel B Gate Driver.
6
VDD
Power Supply Voltage. Bypass this pin to PGND with a ~1 µF to 5 µF ceramic capacitor.
7
OUTA
Output Pin for Channel A Gate Driver.
8
OTW
Overtemperature Warning Flag. Open drain, active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com