Electronic Components Datasheet Search
  English  ▼

X  

ADXL327 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL327
Description  Small, Low Power, 3-Axis 짹2 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL327 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL327 Datasheet HTML 8Page - Analog Devices ADXL327 Datasheet HTML 9Page - Analog Devices ADXL327 Datasheet HTML 10Page - Analog Devices ADXL327 Datasheet HTML 11Page - Analog Devices ADXL327 Datasheet HTML 12Page - Analog Devices ADXL327 Datasheet HTML 13Page - Analog Devices ADXL327 Datasheet HTML 14Page - Analog Devices ADXL327 Datasheet HTML 15Page - Analog Devices ADXL327 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADXL327
Rev. 0 | Page 13 of 16
LAYOUT AND DESIGN RECOMMENDATIONS
The recommended soldering profile is shown in Figure 25, followed by a description of the profile features in Table 6. The recommended
PCB layout or solder land drawing is shown in Figure 26.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 25. Recommended Soldering Profile
Table 6. Recommended Soldering Profile
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec maximum
3°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), tS
60 sec to 120 sec
60 sec to 180 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec maximum
3°C/sec maximum
Time Maintained Above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec maximum
6°C/sec maximum
Time 25°C to Peak Temperature
6 minutes maximum
8 minutes maximum
CENTER PAD IS NOT
INTERNALLY CONNECTED
BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY
0.50
MAX
0.65
0.325
1.95
0.65
0.325
4
4
0.35
MAX
1.95
DIMENSIONS SHOWN IN MILLIMETERS
Figure 26. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com