Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0148 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0148
Description  GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0148 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0148 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0148 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
Rev. V1
MASWSS0148
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Isolation: 55 dB @ 2 GHz
• Insertion Loss: 1.6 dB @ 2 GHz
• Terminated RF Input in Isolation State
• Single Positive Control
• CMOS Compatible Logic
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0148 is a GaAs monolithic
single pole single throw (SPST) terminated switch in
a lead-free 3 mm 12-lead PQFN plastic package.
The MASWSS0148 is ideally suited for use where
low power consumption, small size and high isola-
tion are required.
Typical applications include PCS and GSM LO
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment.
The MASWSS0148 is fabricated using a mature 1-
micron gate length GaAs MESFET process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
1
Part Number
Package
MASWSS0148TR-3000
3000 piece reel
MASWSS0148SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
No Connection
7
No Connection
2
No Connection
8
No Connection
3
No Connection
9
VCTRL
4
No Connection
10
No Connection
5
RF Output
11
RF Input
6
No Connection
12
No Connection
13
Paddle3
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power
23 dBm (VDD = VCTRL = 5 V)
Operating Voltage (VDD, VCTRL)
8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Schematic with Off-Chip Components
2
2. VDD can be injected at either pin 5 or pin 11.
50
1
RFin
RFout
VCTRL
10 K
CBlock
CBlock
CBypass
VDD


Similar Part No. - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0148SMB MACOM-MASWSS0148SMB Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148SMB MA-COM-MASWSS0148SMB Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0148TR-3000 MACOM-MASWSS0148TR-3000 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
More results

Similar Description - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com