Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0176 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0176
Description  GaAs SPDT Switch 0.05 - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0176 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
0.05 - 3 GHz
Rev. V1
MASWSS0176
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.35 dB @ 2.4 GHz
• Moderate Isolation: 21 dB @ 2.4 GHz
• Low Current Consumption: 5 µA @ 2.5 V
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0005
Description
M/A-COM’s MASWSS0176 is a GaAs PHEMT
MMIC single pole, double throw (SPDT) switch in a
low cost, lead-free SOT-26 surface mount plastic
package. The MASWSS0176 is ideally suited for
applications where small size and low cost are
required.
Typical applications are dual band systems which
require switching between small signal components
such as filter banks, single-band LNAs, converters,
etc. This part can be used for low power, low loss
requirements in all systems operating up to 3 GHz,
including PCS, GSM, DCS, Satellite Radio, Blue
Tooth, and other receive chain applications.
The MASWSS0176 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Functional Schematic
Ordering Information
1
Part Number
Package
MASWSS0176
Bulk Packaging
MASWSS0176TR-3000
3000 piece reel
MASWSS0176SMB
Sample Board
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power @ 2.5 V Control
+26 dBm
Operating Voltage
+8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0176 MA-COM-MASWSS0176 Datasheet
639Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0176SMB MACOM-MASWSS0176SMB Datasheet
182Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176SMB MA-COM-MASWSS0176SMB Datasheet
639Kb / 4P
GaAs SPDT Switch
More results

Similar Description - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
logo
Renesas Technology Corp
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com