Electronic Components Datasheet Search
  English  ▼

X  

809-042 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # 809-042
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-042 Datasheet(HTML) 6 Page - Glenair, Inc.

  809-042 Datasheet HTML 1Page - Glenair, Inc. 809-042 Datasheet HTML 2Page - Glenair, Inc. 809-042 Datasheet HTML 3Page - Glenair, Inc. 809-042 Datasheet HTML 4Page - Glenair, Inc. 809-042 Datasheet HTML 5Page - Glenair, Inc. 809-042 Datasheet HTML 6Page - Glenair, Inc. 809-042 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-7
E-Mail: sales@glenair.com
Size #12, 50 Ohm Matched Impedance Coaxial Contacts
These contacts offer improved frequency response compared to standard coaxial contacts above.
VSWR is 1.32:1 at 3GHz . Nominal impedance is 50 ohms. Insertion loss at 3GHz is 0.20 dB maximum.
Inner contact is rated at 1 amp, the outer contact 12 amps. DWV voltage rating is 1000 Vac rms sea
level, 250 Vac at 50,000 feet. Contacts are packaged individually and shipped unassembled with
instruction sheet. Inner and outer contacts are gold-plated copper alloy. 5000 megohm insulation
resistance. Terminate crimp type coaxial center contact with hand tool 809-128 (Daniels MH992).
Terminate cable braid to contact with 809-129 (Daniels HX4) parallel action crimp tool and 809-120
(Daniels Y196) hex die.
#12 Pin Contact
#12 Socket Contact
Contact
Type
Cable Type
Part Number
Termination
Fig.
Tool Code
Pin
M17/113-RG316
852-016-01
Crimp
1
B, H, P, Q
Pin
M17/152-00001(RG316DS)
852-016-02
Crimp
1
B, H, P, Q
Pin
M17/93-RG178
852-016-03
Crimp
1
B, F, P, Q
Pin
TFLEX-405
852-018
Solder
2
(No Tool)
Socket
M17/113-RG316
852-015-01
Crimp
3
B, H, P, Q
Socket
M17/152-00001(RG316DS)
852-015-02
Crimp
3
B, H, P, Q
Socket
M17/93-RG178
852-015-03
Crimp
3
B, F, P, Q
Socket
TFLEX-405
852-017
Solder
4
(No Tool)
#12 Pin Contact
#12 Socket Contact
Figure 1
Figure 3
Figure 4
Figure 2
.570 (14.48) MAX
.300/.295
(7.62/7.49)
.151/.148
(3.84/3.76)
.033/.029
(0.83/0.74)
Ø.095/.093
(2.41/2.36)
.182/.179
(4.62/4.55)
SKT TO MATE WITH
.0205/.0195
(0.521/0.495) PIN
CRIMP
FERRULE
.560 (14.22) MAX
.289/.279
(7.34/7.09)
.151/.148
(3.84/3.76)
.033/.029
(0.83/0.74)
.161/.158
(4.09/4.01)
Ø.182/.179
(4.62/4.55)
Ø .0205/.0195
(0.521/0.495)
CRIMP
FERRULE
.570 (14.48) MAX
.300/.295
(7.62/7.49)
.151/.148
(3.84/3.76)
.033/.029
(0.83/0.74)
Ø.095/.093
(2.41/2.36)
.182/.179
(4.62/4.55)
SKT TO MATE WITH
.0205/.0195
(0.521/0.495) PIN
SOLDER
HOLE
.560 (14.22) MAX
.289/.279
(7.34/7.09)
.151/.148
(3.84/3.76)
.033/.029
(0.83/0.74)
.161/.158
(4.09/4.01)
Ø.182/.179
(4.62/4.5
Ø .0205/.0195
(0.521/0.495)
SOLDER
HOLE
Series 80 “Mighty Mouse”
Contacts and Tools
Matched Impedance Coaxial Contacts
Rev. 03-FEB-2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com