Electronic Components Datasheet Search
  English  ▼

X  

809-002 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 809-002
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-002 Datasheet(HTML) 4 Page - Glenair, Inc.

  809-002 Datasheet HTML 1Page - Glenair, Inc. 809-002 Datasheet HTML 2Page - Glenair, Inc. 809-002 Datasheet HTML 3Page - Glenair, Inc. 809-002 Datasheet HTML 4Page - Glenair, Inc. 809-002 Datasheet HTML 5Page - Glenair, Inc. 809-002 Datasheet HTML 6Page - Glenair, Inc. 809-002 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-5
E-Mail: sales@glenair.com
#16 Pin Contact
#16 Socket Contact
Standard size #16 contacts accept #16 to #20 AWG wire. At rated test current of 13 amps, the maximum
voltage drop is 74 millivolts. Contacts are gold-plated copper alloy. Socket contacts feature stainless
steel hoods to protect against probe damage. Approved to SAE-AMS-39029. Contacts are bulk
packaged. Terminate with M22520/1-01 crimper and M22520/1-04 positioner.
#12 Pin Contact
#12 Socket Contact
Contact
Type
Wire Size
Part Number
Military Part
Number
Color Band
Tool
Code
1st
2nd
3rd
Pin
#16 – #20
809-110
M39029/58-364
Orange Blue
Yellow I. J
Socket
#16 – #20
809-111
M39029/57-358
Orange Green
Gray
I, J
Ø .0635 (1.613)
.0616 (1.562)
.531 (13.49)
REF
.130 (3.30)
MAX
.103 (2.62)
MAX
.068 (1.73)
.066 (1.68)
Ø .113 (2.87)
MAX
.518 (13.16)
REF
.130 (3.30)
MAX
.103 (2.62)
MAX
.068 (1.73)
.066 (1.68)
Standard size #12 contacts accept #12 to #14 AWG wire. At rated test current of 23 amps, the maximum
voltage drop is 63 millivolts. Contacts are gold-plated copper alloy. Socket contacts feature stainless
steel hoods to protect against probe damage. Approved to SAE AS39029. Contacts are bulk packaged.
Terminate with M22520/1-01 crimper and M22520/1-04 positioner.
Size #12 Power Contacts, Crimp Termination
Ø .095 (2.41)
.093 (2.36)
.531 (13.49)
REF
.182 (4.62)
MAX
.151 (3.84)
MAX
.102 (2.59)
.098 (2.49)
.182 (4.62)
MAX
.151 (3.84)
MAX
.102 (2.59)
.098 (2.49)
Ø .161 (4.09)
MAX
.518 (13.16)
REF
Contact
Type
Wire Size
Part Number
Military Part
Number
Color Band
Tool
Code
1st
2nd
3rd
Pin
#12 – #14
809-112
M39029/58-365
Orange Blue
Green
I, J
Socket
#12 – #14
809-113
M39029/57-359
Orange Green
White
I, J
Size #16 Power Contacts, Crimp Termination
#16 Pin Contact
#16 Socket Contact
#12 Pi
Socket Contact
Series 80 “Mighty Mouse”
Contacts and Tools
#16 Power Contacts, #12 Power Contacts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com