Electronic Components Datasheet Search
  English  ▼

X  

809-043 Datasheet(PDF) 5 Page - Glenair, Inc.

Part # 809-043
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-043 Datasheet(HTML) 5 Page - Glenair, Inc.

  809-043 Datasheet HTML 1Page - Glenair, Inc. 809-043 Datasheet HTML 2Page - Glenair, Inc. 809-043 Datasheet HTML 3Page - Glenair, Inc. 809-043 Datasheet HTML 4Page - Glenair, Inc. 809-043 Datasheet HTML 5Page - Glenair, Inc. 809-043 Datasheet HTML 6Page - Glenair, Inc. 809-043 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-6
E-Mail: sales@glenair.com
Series 80 “Mighty Mouse”
Contacts and Tools
Coaxial Contacts
Size #12 Coaxial Contacts, Crimp Termination
These #12 contacts accept 50 ohm and 75 ohm coaxial cable. Inner contact is rated at 1 amp, the
outer contact 12 amps. DWV voltage rating is 1000Vac rms sea level, 250Vac at 50,000 feet. Contacts
are packaged individually and shipped unassembled with instruction sheet. One contact consists
of outer contact , fluorocarbon dielectric, inner contact and shield crimp sleeve. Inner and outer
contacts are gold-plated copper alloy. Approved to SAE AS39029. VSWR rating 1.5:1 maximum up
to 700 MHz. 5000 megohm insulation resistance.
#12 Pin Contact
#12 Socket Contact
.182 (4.62)
MAX
Ø .095 (2.41)
.093 (2.36)
.570 (14.48)
MAX
SHIELD CRIMP
SLEEVE
.560 (14.22)
MAX
.182 (4.62)
MAX
SHIELD CRIMP
SLEEVE
Ø .161 (4.09)
Size #16 Coaxial Contacts, Crimp Termination
These #16 contacts accept 50 ohm and 75 ohm coaxial cable. Inner contact is rated at 1 amp, the
outer contact 12 amps. DWV voltage rating is 800 Vac rms sea level, 250 Vac at 50,000 feet. Contacts
are packaged individually and are unassembled with instruction sheet. One contact consists of outer
contact , fluorocarbon dielectric, inner contact and shield crimp sleeve. Inner and outer contacts are
gold-plated copper alloy. Approved to SAE AS39029. VSWR rating 1.5:1 maximum up to 700 MHz.
5000 megohm insulation resistance.
#16 Pin Contact
#16 Socket Contact
Type
Cable Size
Part Number
Military Part
Number
Color Band
Tool
Code
1st
2nd
3rd
Pin
RG174, RG316, RG179
809-114
M39029/76-424 Yellow Red
Yellow A, E, L, M
Pin
RG178
809-115
M39029/76-425 Yellow Red
Green
A, E, L, M
Socket
RG174, RG316, RG179
809-116
M39029/78-432 Yellow Orange Red
A, E, L, M
Socket
RG178
809-117
M39029/78-433 Yellow Orange Orange A, E, L, M
.560 (14.22)
MAX
.130 (3.30)
MAX
SHIELD CRIMP
SLEEVE
Ø .113 (2.87)
MAX
Ø .0635 (1.613)
.0616 (1.562)
.570 (14.48)
MAX
.130 (3.30)
MAX
SHIELD CRIMP
SLEEVE
Type
Cable Size
Part Number
Military Part
Number
Color Band
Tool
Code
1st
2nd
3rd
Pin
RG174, RG316, RG179
809-118
M39029/28-211
Red
Brown
Brown
A, G, N, O
Pin
RG180
809-119
M39029/28-409 Yellow Black
White
A, G, N, O
Socket
RG174, RG316, RG179
809-120
M39029/27-210 Red
Brown
Black
A, G, N, O
Socket
RG180
809-121
M39029/27-402 Yellow Black
Red
A, G, N, O
#16 Pin Contact
#16 Socket Contact
#12 Pin Contact
#12 Socket Contact
Rev. 03-FEB-2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com