Electronic Components Datasheet Search
  English  ▼

X  

FGR3000FX-90DA Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FGR3000FX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FGR3000FX-90DA Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FGR3000FX-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FGR3000FX-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FGR3000FX-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FGR3000FX-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FGR3000FX-90DA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug.1998
AUXILIARY CATHODE
CONNECTOR (RED)
500 ± 8
GATE (WHITE)
φ 3.5 DEPTH 2.2 ± 0.2
CATHODE
TYPE NAME
ANODE
φ 85 ± 0.2
φ 85 ± 0.2
φ 120 MAX
φ 3.5 DEPTH 2.2 ± 0.2
MITSUBISHI REVERSE-CONDUCTING GTO THYRISTORS
FGR3000FX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
FGR3000FX-90DA
OUTLINE DRAWING
Dimensions in mm
A
A
A
kA
A2s
A
A
kA
A2s
A/
µs
V
V
A
A
W
kW
W
W
°C
°C
kN
g
VDM = 4500V, Tj = 125
°C, CS = 6.0µF, LS = 0.2µH
f = 60Hz, sine wave
θ = 180°, Tf = 70°C
One half cycle at 60Hz
One cycle at 60Hz
f = 60Hz, sine wave
θ = 180°C, Tf = 75°C
One half cycle at 60Hz
One cycle at 60Hz
VD = 3000V, IGM = 75A, Tj = 75
°C
Recommended value 37
Standard value
Repetitive controllable on-state current
RMS on-state current
Average on-state current
Surge (non-repetitive) on-state current
I2t for fusing
RMS Reverse current
Average reverse current
Surge (non-repetitive) reverse current
Current-squared, time integration
Critical rate of rise of on-state current
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate reverse current
Peak forward gate power dissipation
Peak reverse gate power dissipation
Average forward gate power dissipation
Average reverse gate power dissipation
Junction temperature
Storage temperature
Mounting force required
Weight
ITQRM
IT(RMS)
IT(AV)
ITSM
IT2t
IR(RMS)
IR(AV)
IRSM
IR2t
diT/dt
VFGM
VRGM
IFGM
IRGM
PFGM
PRGM
PFG(AV)
PRG(AV)
Tj
Tstg
—
—
Symbol
Parameter
Conditions
Ratings
3000
1220
780
16
1.0
× 106
940
600
16
1.0
× 106
500
10
18
100
900
400
27
100
230
–40 ~ +125
–40 ~ +150
31 ~ 43
1450
Unit
APPLICATION
Inverters, D.C. choppers, Induction heaters, D.C. to D.C. converters.
q ITQRM Repetitive controllable on-state current ...........3000A
q IT(AV)
Average on-state current ....................... 780A
q VDRM Repetitive peak off state voltage ...................4500V
q Reverse conducting type
MAXIMUM RATINGS
VDRM
VDSM
VD(DC)
VLTDS
Unit
Symbol
Parameter
V
V
V
V
Voltage class
Repetitive peak off-state voltage+
Non-repetitive peak off-state voltage+
DC off-state voltage+
Long term DC stability voltage+
90DA
4500
4500
3600
3000
+ : VGK = –2V


Similar Part No. - FGR3000FX-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FGR3000FX-90DA POWEREX-FGR3000FX-90DA Datasheet
90Kb / 5P
HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FGR3000FX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG1000BV-90DA POWEREX-FG1000BV-90DA Datasheet
79Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com