Electronic Components Datasheet Search
  English  ▼

X  

INC2001AX Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INC2001AX
Description  FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC2001AX Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INC2001AX_08 Datasheet HTML 1Page - Isahaya Electronics Corporation INC2001AX_08 Datasheet HTML 2Page - Isahaya Electronics Corporation INC2001AX_08 Datasheet HTML 3Page - Isahaya Electronics Corporation INC2001AX_08 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FOR MUTING APPLICATION
.
INC2001AX SERIES
SILICON NPN EPITAXIAL TYPE
MAXIMUM RATING(Ta=25℃)
RATING
SYMBOL
PARAMETER
INC2001AT2
INC2001AU1
INC2001AM1
INC2001AC1
UNIT
V
CBO
Collector to Base voltage
40
V
V
EBO
Emitter to Base voltage
40
V
V
CEO
Collector to Emitter voltage
20
V
I
C
Collector current
600
mA
P
C
Collector
dissipation(Ta=25℃)
125(※)
150
200
mW
Tj
Junction temperature
+125
+150
℃
Tstg
Storage temperature
-55~+125
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
※package mounted on 9mm×19mm×1mm glass-epoxy substrate.
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
V
(BR)CBO
C to B break down voltage
I
C=50μA,IE=0mA
40
V
V
(BR)EBO
E to B break down voltage
I
E=50μA,IC=0mA
40
V
V
(BR)CEO
C to E break down voltage
I
C=1mA,RBE=∞
20
V
I
CBO
Collector cut off current
V
CB=40V,I E =0mA
0.5
μA
I
EBO
Emitter cut off current
V
EB=40V,I C =0mA
0.5
μA
h
FE
DC forward current gain
V
CE=5V,I C =10mA
820
2500
-
V
CE(sat)
C to E saturation voltage
I
C =50mA,I B =2.5mA
40
150
mV
f
T
Gain band width product
V
CE=10V,I E =-10mA,f=100MHz
50
MHz
C
ob
Collector output capacitance
V
CB=10V,I E =0A,f=1MHz
5.0
pF
R
ON
Output “ON” resistance
I
B=5mA,RL=1kΩ
0.65
Ω
TYPICAL CHARACTERISTICS
ISAHAYA ELECTRONICS CORPORATION
COMMON EMITTER OUTPUT
0
20
40
60
80
100
012345
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
IB=0uA
10uA
20uA
30uA
40uA
50uA
60uA
70uA
80uA
90uA
100uA
Ta=25℃
COMMON EMITTER TRANSFER
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
BASE TO EMITTER VOLTAGE : VBE (V)
VCE=5V
-40℃
25℃
Ta=75℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com