Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0066 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0066 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
WDCT Power Amplifier
2400 - 2500 MHz
Rev. V3
MAAPSS0066
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Characteristics (All data uses the supplied sample board BOM)
S21 vs. Frequency @ VCC = 2.4 V, VEN = 2.5 V
S22, S11 vs. Frequency @ VCC = 2.4 V, VEN = 2.5 V
Typical Characteristics, VEN = 1.7 V (All data uses the supplied sample board BOM)
POUT, PAE, ICC vs. PIN @ 2.4 V, 2450 MHz
POUT, PAE, ICC vs. VCC @ 2450 MHz, PIN = 0 dBm
POUT vs. VEN @ 2.4 V, 2450 MHz, PIN = 0 dBm
POUT, PAE, ICC vs. Freq. @ 2450 MHz, PIN = 0 dBm
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
S11
S22
Frequency (GHz)
-10
0
10
20
30
40
0.0
0.2
0.4
0.6
0.8
1.0
-15
-10
-5
0
5
Pin (dBm)
PAE
P
OUT
I
CC
-10
0
10
20
30
40
0.0
0.2
0.4
0.6
0.8
1.0
2.0
2.3
2.6
2.9
3.2
3.5
V
CC
(V)
I
CC
P
OUT
PAE
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
2.30
2.35
2.40
2.45
2.50
2.55
2.60
Frequency (GHz)
I
CC
P
OUT
PAE
-50
-40
-30
-20
-10
0
10
20
30
0.0
0.5
1.0
1.5
2.0
V
EN
(V)
R = 100 Ohm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com