Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0008 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008
Description  Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
M/A-COM Products
Rev. 5
MAATCC0008
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
C1
C2
C3
C4
Attenuation
0
0
0
0
Loss, Reference
1
0
0
0
1.0 dB
0
1
0
0
2.0 dB
0
0
1
0
4.0 dB
0
0
0
1
8.0 dB
1
1
1
1
15.0 dB
0 = TTL Low; 1 = TTL High
Typical Performance Curves
Reference Loss vs. Frequency
Attenuation - 1 dB Bit vs. Frequency
Attenuation - 2 dB Bit vs. Frequency
Attenuation - 4 dB Bit vs. Frequency
0.0
1.0
2.0
3.0
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC
0.8
0.9
1.0
1.1
1.2
1.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC
1.8
2.0
2.2
2.4
2.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC
3.8
4.0
4.2
4.4
4.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com