Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0018 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0018
Description  Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0018 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 1-Bit, 10 dB Step
DC - 2.0 GHz
Rev. V2
MAATSS0018
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Single 10 dB Step
• Low Loss: 0.3 dB @ 900 MHz
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-266
Description
M/A-COM’s MAATSS0018 is a 1 bit, 10 dB step
GaAs MMIC digital attenuator in a lead-free SOT-25
surface mount plastic package. The MAATSS0018
is ideally suited for use where high accuracy, very
low power consumption and low intermodulation
products are required. Typical applications include
radio, wireless LANs, GPS equipment and other
gain/level control circuits.
The MAATSS0018 is a GaAs MMIC using a mature
1-micron process. The process features full chip
passivation for increased performance and reliability.
Ordering Information
Part Number
Package
MAATSS0018
Bulk Packaging
MAATSS0018TR
1000 piece reel
1. Reference Application Note M513 for reel size information.
Pin No.
Function
1
RF1
2
GND
3
RF2
4
V1
5
V2
Description
RF In/Out
RF Ground
RF In/Out
Control Voltage
Control Voltage
Pin Configuration
Functional Block Diagram
V1
V2
Attenuation State
0
1
10 dB
1
0
Insertion Loss
Truth Table
4,5,6
4. For positive voltage control, external DC blocking capacitors
are required on all RF ports (pins 1, 2 and 3)
5. Differential voltage, V(state 1) - V(state 0), must be +2.8 V
minimum and less than 8 V.
6. 0 = -8 V to 0.2 V, 1 = -0.2 V to 8 V
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
50 MHz
500 - 2000 MHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < +8 V
Operating Temperature
-40°C to +85°C
Storing Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
561Kb / 5P
Digital Attenuator, 10 dB, 1-Bit
MAATSS0018SMB MA-COM-MAATSS0018SMB Datasheet
561Kb / 5P
Digital Attenuator, 10 dB, 1-Bit
logo
Tyco Electronics
MAATSS0018TR MACOM-MAATSS0018TR Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
More results

Similar Description - MAATSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
MAADSS0008 MACOM-MAADSS0008 Datasheet
218Kb / 3P
Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com