Electronic Components Datasheet Search
  English  ▼

X  

AT-250 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-250
Description  Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-250 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-250 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-250 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-250 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Absorptive Attenuator
12 dB, DC - 2.0 GHz
Rev. V4
AT-250
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
SOIC-8
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
3
Units
Min
Typ
Max
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
2.9
3.0
3.2
3.4
3.1
3.2
3.5
3.8
Flatness
(Peak to Peak)
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
+ 0.1
+ 0.2
+ 0.5
+ 1.2
+ 0.3
+ 0.4
+ 0.8
+ 1.5
VSWR
Ratio
—
2.1:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
3
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
—
5
—
Transients
In Band
mV
—
10
—
Power Handling
Linear Operation
Absolute Maximum Input Power
dBm
dBm
—
—
13
21
—
—
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
dBm
dBm
28
40
34
47
—
—
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
dBm
dBm
18
18.5
31
3
36
3
—
—
3. Control voltage: 0 to -4 volts @ 20 µA typical.
4. For levels above 6 dB attenuation. For levels below 6 dB, the minimum specification numbers apply.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com