Electronic Components Datasheet Search
  English  ▼

X  

A57 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A57
Description  Cascadable Amplifier 10 to 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A57 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A57 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A57 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 500 MHz
Rev. V3
A57 / SMA57
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-600
10-500
10-500
Small Signal Gain (min)
dB
14.7
14.0
13.0
Gain Flatness (max)
dB
±0.3
±0.8
±1.0
Reverse Isolation
dB
18
Noise Figure (max)
dB
4.8
6.0
6.5
Power Output
@ 1 dB comp. (min)
dBm
14.0
13.0
12.5
IP3
dBm
+28
IP2
dBm
+41
Second Order Harmonic IP
dBm
+46
VSWR Input / Output (max)
1.5:1 / 1.5:1
2.0:1 / 2.0:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
44
49
51
Features
• MEDIUM OUTPUT LEVEL: +14 dBm (TYP.)
• HIGH THIRD ORDER I.P. + 28.0 dBm (TYP.)
Description
The A57 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A57
TO-8
SMA57
Surface Mount
CA57 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
130ºC/W
Transistor Power Dissipation Pd
0.236 W
Junction Temperature Rise
Above Case Tjc
31ºC
* Over temperature performance limits for part number CA57, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A57

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A57 MACOM-A57 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
logo
M/A-COM Technology Solu...
A57 MA-COM-A57 Datasheet
632Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
Assmann Electronics Inc...
A57-36-F-B-R ASSMANN-A57-36-F-B-R Datasheet
229Kb / 1P
CENTRONICS-CONNECTORS
A57-50-F-B-R ASSMANN-A57-50-F-B-R Datasheet
229Kb / 1P
CENTRONICS-CONNECTORS
More results

Similar Description - A57

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com