Electronic Components Datasheet Search
  English  ▼

X  

A67 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A67
Description  Cascadable Amplifier 10 to 800 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A67 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A67 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A67 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 800 MHz
Rev. V2
A67 / SMA67
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-900
10-800
10-800
Small Signal Gain (min)
dB
14.0
13.0
12.5
Gain Flatness (max)
dB
±0.3
±0.6
±0.7
Reverse Isolation
dB
17
Noise Figure (max)
dB
4.0
4.3
4.5
Power Output
@ 1 dB comp. (min)
dBm
16.0
15.5
15.0
IP3
dBm
+30
IP2
dBm
+45
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.8:1 / 2.0:1
1.9:1 / 2.0:1
2.0:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
32
34
35
Features
• AVAILABLE IN SURFACE MOUNT
• HIGH EFFICIENCY: +16 dBm (TYP.)
OUTPUT POWER AT 32 mA (TYP.)
• LOW NOISE FIGURE: <4.0 dB (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS
Description
The A67 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Use of an impedance transformer offers the benefit of
high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A67
TO-8
SMA67
Surface Mount
MAAM-008725-00CA67
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.269 W
Junction Temperature Rise
Above Case Tjc
12ºC
* Over temperature performance limits for part number CA67, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
638Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
10 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
More results

Similar Description - A67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MACOM-A89_1 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC847 TELEDYNE-AC847 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com