Electronic Components Datasheet Search
  English  ▼

X  

A71 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A71
Description  Cascadable Amplifier 5 to 200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A71 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A71 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A71 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
5 to 200 MHz
Rev. V2
A71 / SMA71
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-300
5-200
5-200
Small Signal Gain (min)
dB
18.0
16.5
16.0
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
22
Noise Figure (max)
dB
2.1
2.5
2.8
Power Output
@ 1 dB comp. (min)
dBm
-2.5
-3.0
-3.5
IP3
dBm
+10
IP2
dBm
+11.5
Second Order Harmonic IP
dBm
+18.5
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
9
11
13
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE: 2.1 dB (TYP.)
• HIGH GAIN 18 dB (TYP.)
• LOW VSWR <1.4:1 (TYP.)
Description
The A71 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A71
TO-8
MAAM-008318-0SMA71
Surface Mount
MAAM-008318-00CA71
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+18 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.053 W
Junction Temperature Rise
Above Case Tjc
2ºC
* Over temperature performance limits for part number CA71, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
628Kb / 3P
Cascadable Amplifier
logo
DFI Inc
A71-103004-000G DFI-A71-103004-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-103005-000G DFI-A71-103005-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-110100-000G DFI-A71-110100-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
More results

Similar Description - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0250 TELEDYNE-UTOUTC0250 Datasheet
167Kb / 6P
Thin-Film Cascadable Amplifier 5 to 200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com