Electronic Components Datasheet Search
  English  ▼

X  

XRT73R12IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT73R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R12IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT73R12IB Datasheet HTML 23Page - Exar Corporation XRT73R12IB Datasheet HTML 24Page - Exar Corporation XRT73R12IB Datasheet HTML 25Page - Exar Corporation XRT73R12IB Datasheet HTML 26Page - Exar Corporation XRT73R12IB Datasheet HTML 27Page - Exar Corporation XRT73R12IB Datasheet HTML 28Page - Exar Corporation XRT73R12IB Datasheet HTML 29Page - Exar Corporation XRT73R12IB Datasheet HTML 30Page - Exar Corporation XRT73R12IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
XRT73R12
24
REV. 1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
3.5.4
Interference Tolerance
For E3 mode, ITU-T G.703 Recommendation specifies that the receiver be able to recover error free clock and
data in the presence of a sinusoidal interfering tone signal. For DS3 and STS-1 modes, the same
recommendation is being used. Figure 10 shows the configuration to test the interference margin for DS3/
STS1. Figure 11 shows the set up for E3.
FIGURE 9. LOSS OF SIGNAL DEFINITION FOR E3 AS PER ITU-T G.775.
FIGURE 10. INTERFERENCE MARGIN TEST SET UP FOR DS3/STS-1
FIGURE 11. INTERFERENCE MARGIN TEST SET UP FOR E3.
Actual Occurrence
of LOS Condition
Line Signal
is Restored
Time Range for
LOS Declaration
Time Range for
LOS Clearance
G.775
Compliance
G.775
Compliance
0 UI
10 UI
0 UI
10 UI
255 UI
255 UI
RTIP/
RRing
RLOS Output Pin
Sine Wave
Generator
Pattern Generator
2 23 -1 PRBS
N
S
Attenuator
∑
Test
Equipment
DUT
XRT73R12
DS3 = 22.368 MHz
STS-1 = 25.92 MHz
Cable Simulator
Attenuator 1
N
S
Sine Wave
Generator
17.184mHz
Signal Source
223-1 PRBS
Attenuator 2
∑
Test
Equipment
DUT
XRT73R12
Cable Simulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com