Electronic Components Datasheet Search
  English  ▼

X  

XRT86L30 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT86L30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT86L30 Datasheet HTML 66Page - Exar Corporation XRT86L30 Datasheet HTML 67Page - Exar Corporation XRT86L30 Datasheet HTML 68Page - Exar Corporation XRT86L30 Datasheet HTML 69Page - Exar Corporation XRT86L30 Datasheet HTML 70Page - Exar Corporation XRT86L30 Datasheet HTML 71Page - Exar Corporation XRT86L30 Datasheet HTML 72Page - Exar Corporation XRT86L30 Datasheet HTML 73Page - Exar Corporation XRT86L30 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 284 page
background image
XRT86L30
59
SINGLE T1/E1/J1 FRAMER/LIU COMBO
REV. 1.0.1
2
DMA0_CHAN(2)
R/W
0
Channel Select
Selects which channel, within the chip, is to use the DMA_0 (Write)
interface.
000 = Channel 0
001 = Channel 1
001 = Channel 2
011 = Channel 3
100 = Channel 4
101 = Channel 5
110 = Channel 6
111 = Channel 7
1
DMA0_CHAN(1)
R/W
0
0
DMA0_CHAN(0)
R/W
0
TABLE 38: DMA 1 (READ) CONFIGURATION REGISTER
REGISTER 25
DMA 1 (READ) CONFIGURATION REGISTER (D1CR)
HEX ADDRESS: 0X0119
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-6
Reserved
-
-
Reserved
7
DMA1 RST
R/W
0
DMA_1 Reset
Resets the DMA 1 Channel
0 = Normal operation.
1 = A zero to one transition resets DMA channel.
6
DMA1 ENB
R/W
0
DMA1_ENB
Enables DMA_1 interface
0 = Disables DMA_1 interface
1 = Enables DMA_1 interface
5
RD TYPE
R/W
0
Selects the function of pRD_L signal.
0 = RD functions as a Read Strobe signal
11 = RD acts as a direction signal, WR works as a data strobe.
4 - 3 Reserved
-
-
Reserved
2
DMA1_CHAN(2)
R/W
0
Channel Select
Selects which channel, within the chip, is to use the DMA_1 inter-
face.
000 = Channel 0
001 = Channel 1
001 = Channel 2
011 = Channel 3
100 = Channel 4
101 = Channel 5
110 = Channel 6
111 = Channel 7
1
DMA1_CHAN(1)
R/W
0
0
DMA1_CHAN(0)
R/W
0
TABLE 37: DMA 0 (WRITE) CONFIGURATION REGISTER
REGISTER 24
DMA 0 WRITE CONFIGURATION REGISTER (D 0 WCR)
HEX ADDRESS: 0X0118
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com