Electronic Components Datasheet Search
  English  ▼

X  

SP207E Datasheet(PDF) 19 Page - Exar Corporation

Part # SP207E
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207E Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP207E Datasheet HTML 11Page - Exar Corporation SP207E Datasheet HTML 12Page - Exar Corporation SP207E Datasheet HTML 13Page - Exar Corporation SP207E Datasheet HTML 14Page - Exar Corporation SP207E Datasheet HTML 15Page - Exar Corporation SP207E Datasheet HTML 16Page - Exar Corporation SP207E Datasheet HTML 17Page - Exar Corporation SP207E Datasheet HTML 18Page - Exar Corporation SP207E Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
ORDERINg INFORMATION
RS232Transceivers:
Model ...................... Drivers.............................Receivers ........................................Temperature Range .................................... Package Type
SP207ECA-L ...............5 ........................................3 .................................................... 0°C to +70°C.................................................24–pinSSOP
SP207ECT-L ..............5 ........................................3 .................................................... 0°C to +70°C.................................................. 24–pinSOIC
SP207EEA -L ...............5 ........................................3 ................................................ –40°C to +85°C.................................................24–pinSSOP
SP207EET-L ................5 ........................................3 ................................................ –40°C to +85°C.................................................. 24–pinSOIC
SP208ECA-L ...............4 ........................................4 .................................................... 0°C to +70°C.................................................24–pinSSOP
SP208ECT-L ...............4 ........................................4 .................................................... 0°C to +70°C.................................................. 24–pinSOIC
SP208EEA-L ...............4 ........................................4 ................................................ –40°C to +85°C.................................................24–pinSSOP
SP208EET-L ................4 ........................................4 ................................................ –40°C to +85°C.................................................. 24–pinSOIC
RS232TransceiverswithLow–PowerShutdownandTri–stateEnable:
Model ...................... Drivers.............................Receivers ........................................Temperature Range .................................... Package Type
SP2ECA-L.................4 .................................. ......5.....................................................0°C to +70°C ................................................28–pinSSOP
SP2ECT-L .................4.................................. ......5.....................................................0°C to +70°C ................................................. 28–pinSOIC
SP2EEA-L .................4 ................................. ......5.................................................–40°C to +85°C ................................................28–pinSSOP
SP2EET-L .................4.................................. ......5.................................................–40°C to +85°C ................................................. 28–pinSOIC
RS232TransceiverswithLow–PowerShutdown,Tri–stateEnable,andWake–UpFunction:
Model ...................... Drivers.............................Receivers ........................................Temperature Range .................................... Package Type
SP23ECA-L.......... 4........................................ 5, with 2 active in Shutdown.................0°C to +70°C................................................28–pinSSOP
SP23ECT-L .......... 4........................................ 5, with 2 active in Shutdown.................0°C to +70°C................................................. 28–pinSOIC
SP23EEA-L.......... 4........................................ 5, with 2 active in Shutdown.............–40°C to +85°C................................................28–pinSSOP
SP23EET-L........... 4........................................ 5, with 2 active in Shutdown.............–40°C to +85°C................................................. 28–pinSOIC
PleaseconsultthefactoryforpricingandavailabilityonaTape-On-Reeloption.
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reli-
ability. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are
onlyforillustrationpurposesandmayvarydependinguponauser'sspecificapplication.Whiletheinformationinthispublicationhasbeencarefully
checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedfor
useinsuchapplicationsunlessEXARCorporationreceives,inwritting,assurancestoitssatisfactionthat:(a)theriskofinjuryordamagehasbeen
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2009 EXAR Corporation
Datasheet July 2009
SendyourInterfacetechnicalinquirywithtechnicaldetailsto:uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
DATE
REVISION DESCRIPTION
1/27/06
--
Legacy Sipex Datasheet
07/23/09
.0.0
Convert to Exar format, update ordering information and
change rev to .0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com