Electronic Components Datasheet Search
  English  ▼

X  

SP21111ECT-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP21111ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP21111ECT-L Datasheet(HTML) 1 Page - Exar Corporation

  SP21111ECT-L Datasheet HTML 1Page - Exar Corporation SP21111ECT-L Datasheet HTML 2Page - Exar Corporation SP21111ECT-L Datasheet HTML 3Page - Exar Corporation SP21111ECT-L Datasheet HTML 4Page - Exar Corporation SP21111ECT-L Datasheet HTML 5Page - Exar Corporation SP21111ECT-L Datasheet HTML 6Page - Exar Corporation SP21111ECT-L Datasheet HTML 7Page - Exar Corporation SP21111ECT-L Datasheet HTML 8Page - Exar Corporation SP21111ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
Table . Model Selection Table
DESCRIPTION
The
SP207E-SP213E are enhanced transceivers intended for use in RS-232 and V.28 se-
rial communication. These devices feature very low power consumption and single-supply
operation making them ideal for space-constrained applications. Exar-patented (5,306,954)
on-board charge pump circuitry generates fully compliant RS-232 voltage levels using small
and inexpensive 0.µF charge pump capacitors. External +2V and -2V supplies are not
required. The
SP211E and SP213E feature a low-power shutdown mode, which reduces
power supply drain to µA.
SP213E includes two receivers that remain active during shut-
down to monitor for signal activity.
The
SP207E-SP213E devices are pin-to-pin compatible with our previous SP207, SP208,
SP2 and SP23 as well as industry-standard competitor devices. Driver output and re-
ceiver input pins are protected against ESD to over ±5kV for both Human Body Model and
IEC000-4-2 Air Discharge test methods. Data rates of over 20kbps are guaranteed with
230kbps typical, making them compatible with high speed modems and PC remote-access
applications. Receivers also incorporate hysteresis for clean reception of slow moving
signals.
T1 IN
+5V INPUT
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
T2 OUT
T3 IN
T3 OUT
T4 IN
T4 OUT
R1 OUT
R1 IN
10
12
13
14
7
6
18
19
17
9
11
15
2
3
1
24
4
SP207E
T1
T2
T3
T4
8
GND
R2 OUT
R2 IN
5
23
R3 OUT
R3 IN
22
16
R1
R2
R3
T5 IN
T5 OUT
21
20
T5
400kΩ
400kΩ
400kΩ
400kΩ
400kΩ
5kΩ
5kΩ
5kΩ
Now Available in Lead Free Packaging
■ MeetsAllEIA-232andITUV.28
Specifications
■ Single+5VSupplyOperation
■ 3mATypicalStaticSupplyCurrent
■ 4x0.1μFExternalChargePumpCapacitors
■ Typical230kbpsTransmissionRates
■ StandardSOICandSSOPFootprints
■ 1μAShutdownMode(SP211E&SP213E)
■ TwoWake-UpReceivers(SP213E)
■ Tri-State/RxEnable(SP211E&SP213E)
■ ImprovedESDSpecifications:
+5kV Human Body Model
+5kV IEC000-4-2 Air Discharge
+8kV IEC000-4-2 Contact Discharge
Low Power, High ESD +5V RS-232 Transceivers
SP207E–SP213E
Device
Drivers
Receivers
Pins
SP207E
5
3
24
SP208E
4
4
24
SP211E
4
5
28
SP213E
4
5
28


Similar Part No. - SP21111ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211 SIPEX-SP211 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP211 SIPEX-SP211 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211 EXAR-SP211 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
logo
SamHop Microelectronics...
SP2110 SAMHOP-SP2110 Datasheet
110Kb / 7P
Super high dense cell design for low RDS(ON).
SP2112 SAMHOP-SP2112 Datasheet
124Kb / 7P
Super high dense cell design for low RDS(ON).
More results

Similar Description - SP21111ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP211EHE EXAR-SP211EHE Datasheet
994Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com